Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS931E1KG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS931E1KG4
Description  8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS931E1KG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS931E1KG4 Datasheet HTML 1Page - Texas Instruments ADS931E1KG4 Datasheet HTML 2Page - Texas Instruments ADS931E1KG4 Datasheet HTML 3Page - Texas Instruments ADS931E1KG4 Datasheet HTML 4Page - Texas Instruments ADS931E1KG4 Datasheet HTML 5Page - Texas Instruments ADS931E1KG4 Datasheet HTML 6Page - Texas Instruments ADS931E1KG4 Datasheet HTML 7Page - Texas Instruments ADS931E1KG4 Datasheet HTML 8Page - Texas Instruments ADS931E1KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ADS931
5
SBAS060A
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
f
IN = 3.58MHz
0
5
10
15
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
f
IN = 12.5MHz
0
5
10
15
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
f
IN = 500kHz
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +3V, specified single-ended input (–1dBFS) and sampling rate = 30MHz, unless otherwise specified.
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
–120
03
6
12
915
f
IN = 12.5MHz
V
S = +5V
REFT = +3.25V
REFB = +2.25V
UNDERSAMPLING PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
–120
0
1.6
3.2
4.8
6.4
8.0
f
IN = 20MHz
f
S = 16MHz
TWO-TONE INTERMODULATION
Frequency (MHz)
0
–20
–40
–60
–80
–100
02
4
8
610
f
1 = 3.6MHz at –7dB
f
2 = 3.5MHz at –7dB
2f
1 – f2 55.7dBFS
2f
2 – f1 54.6dBFS


Similar Part No. - ADS931E1KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS931E TI-ADS931E Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931E/1K TI-ADS931E/1K Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS931E1KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com