Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS574JP Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS574JP
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS574JP Datasheet(HTML) 3 Page - Texas Instruments

  ADS574JP Datasheet HTML 1Page - Texas Instruments ADS574JP Datasheet HTML 2Page - Texas Instruments ADS574JP Datasheet HTML 3Page - Texas Instruments ADS574JP Datasheet HTML 4Page - Texas Instruments ADS574JP Datasheet HTML 5Page - Texas Instruments ADS574JP Datasheet HTML 6Page - Texas Instruments ADS574JP Datasheet HTML 7Page - Texas Instruments ADS574JP Datasheet HTML 8Page - Texas Instruments ADS574JP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
®
ADS574
INTERNAL REFERENCE VOLTAGE
Voltage
+2.4
+2.5
+2.6
TTT
V
Source Current Available for External Loads
0.5
T
mA
POWER SUPPLY REQUIREMENTS
Voltage: VEE (7)
–16.5
VDD
TT
V
VDD
+4.5
+5.5
TT
V
Current: IEE (7) (VEE = –15V)
–1
T
mA
IDD
+13
+20
TT
mA
Power Dissipation (TMIN to TMAX)
(VEE = 0V to +5V)
65
100
TT
mW
TEMPERATURE RANGE
Specification
0
+70
TT
°C
Operating:
–40
+85
TT
°C
Storage
–65
+150
TT
°C
T Same specification as ADS574JE, JP, JU.
NOTES: (1) With fixed 50
Ω resistor from REF OUT to REF IN. This parameter is also adjustable to zero at +25°C. (2) FS in this specification table means Full Scale
Range. That is, for a
±10V input range, FS means 20V; for a 0 to +10V range, FS means 10V. (3) Maximum error at T
MIN and TMAX. (4) Based on using VEE =
+5V, which starts a conversion immediately upon a convert command. Using VEE = 0V to –15V makes the ADS574/ADS774 emulate standard ADC574 operation.
In this mode, the internal sample/hold acquires the input signal after receiving the convert command, and does not assume that the input level has been stable
before the convert command arrives. (5) Using internal reference. (6) This is worst case change in accuracy from accuracy with a +5V supply. (7) VEE is optional,
and is only used to set the mode for the internal sample/hold. When VEE = –15V, IEE = –1mA typ; when VEE = 0V, IEE = ±5µA typ; when VEE = +5V, IEE = +167µA
typ.
SPECIFICATIONS (CONT)
ELECTRICAL
At TA = TMIN to TMAX , VDD = +5V, VEE = –15V to +5V, sampling frequency of 40kHz, and fIN = 10kHz, unless otherwise specified.
ADS574JE, JP, JU
ADS574KE, KP, KU
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ABSOLUTE MAXIMUM RATINGS
VEE to Digital Common ....................................................... +VDD to –16.5V
VDD to Digital Common .............................................................. 0V to +7V
Analog Common to Digital Common ....................................................
±1V
Control Inputs (CE, CS, AO, 12/8, R/C)
to Digital Common .................................................. –0.5V to VDD +0.5V
Analog Inputs (Ref In, Bipolar Offset, 10VIN )
to Analog Common ......................................................................
±16.5V
20VIN to Analog Common .................................................................. ±24V
Ref Out .......................................................... Indefinite Short to Common,
Momentary Short to VDD
Max Junction Temperature ............................................................ +165
°C
Power Dissipation ........................................................................ 1000mW
Lead Temperature (soldering,10s) ................................................. +300
°C
Thermal Resistance,
θ
JA : Plastic DIPs ........................................ 100°C/W
SOIC ................................................... 100
°C/W
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
PACKAGE DRAWING
TEMPERATURE
LINEARITY
PRODUCT
PACKAGE
NUMBER(1)
SINAD(2)
RANGE
ERROR (LSB)
ADS574JE
0.3" Plastic DIP
246
68
0
°C to +70°C
±1
ADS574KE
0.3" Plastic DIP
246
70
0
°C to +70°C
±1/2
ADS574JP
0.6" Plastic DIP
215
68
0
°C to +70°C
±1
ADS574KP
0.6" Plastic DIP
215
70
0
°C to +70°C
±1/2
ADS574JU
SOIC
217
68
0
°C to +70°C
±1
ADS574KU
SOIC
217
70
0
°C to +70°C
±1/2
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) SINAD is Signal-to-(Noise
and Distortion) expressed in dB.


Similar Part No. - ADS574JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS574JP BURR-BROWN-ADS574JP Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS574JP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com