Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08100 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC08100
Description  ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08100 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC08100_14 Datasheet HTML 6Page - Texas Instruments ADC08100_14 Datasheet HTML 7Page - Texas Instruments ADC08100_14 Datasheet HTML 8Page - Texas Instruments ADC08100_14 Datasheet HTML 9Page - Texas Instruments ADC08100_14 Datasheet HTML 10Page - Texas Instruments ADC08100_14 Datasheet HTML 11Page - Texas Instruments ADC08100_14 Datasheet HTML 12Page - Texas Instruments ADC08100_14 Datasheet HTML 13Page - Texas Instruments ADC08100_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADC08100
SNAS060I – JUNE 2000 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
VA = DR VD = 3V, fCLK = 100 MHz, fIN = 41 MHz, unless otherwise stated
INL
INL vs. Temperature
Figure 2.
Figure 3.
INL vs. Supply Voltage
INL vs. Sample Rate
Figure 4.
Figure 5.
DNL
DNL vs. Temperature
Figure 6.
Figure 7.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08100


Similar Part No. - ADC08100_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000CIYB NSC-ADC081000CIYB Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000CIYB NSC-ADC081000CIYB Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Similar Description - ADC08100_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
   8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
   8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD775 AD-AD775_15 Datasheet
336Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
   8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD775 AD-AD775 Datasheet
332Kb / 12P
   8-Bit 20 MSPS, 60 mW Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com