Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS574JU1K Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS574JU1K
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS574JU1K Datasheet(HTML) 1 Page - Texas Instruments

  ADS574JU1K Datasheet HTML 1Page - Texas Instruments ADS574JU1K Datasheet HTML 2Page - Texas Instruments ADS574JU1K Datasheet HTML 3Page - Texas Instruments ADS574JU1K Datasheet HTML 4Page - Texas Instruments ADS574JU1K Datasheet HTML 5Page - Texas Instruments ADS574JU1K Datasheet HTML 6Page - Texas Instruments ADS574JU1K Datasheet HTML 7Page - Texas Instruments ADS574JU1K Datasheet HTML 8Page - Texas Instruments ADS574JU1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© 1991 Burr-Brown Corporation
PDS-1104F
Printed in U.S.A. July, 1993
ADS574
FEATURES
q REPLACES ADC574 FOR NEW DESIGNS
q COMPLETE SAMPLING A/D WITH
REFERENCE, CLOCK AND
MICROPROCESSOR INTERFACE
q FAST ACQUISITION AND CONVERSION:
25
µs max
q ELIMINATES EXTERNAL SAMPLE/HOLD
IN MOST APPLICATIONS
q GUARANTEED AC AND DC PERFORMANCE
q SINGLE +5V SUPPLY OPERATION
q LOW POWER: 100mW max
q PACKAGE OPTIONS: 0.6" and 0.3" DIPs,
SOIC
DESCRIPTION
The ADS574 is a 12-bit successive approximation
analog-to-digital converter using an innovative
capacitor array (CDAC) implemented in low-power
CMOS technology. This is a drop-in replacement for
ADC574 models in most applications, with internal
sampling, much lower power consumption, and capa-
bility to operate from a single +5V supply.
The ADS574 is complete with internal clock, micro-
processor interface, three-state outputs, and internal
scaling resistors for input ranges of 0V to +10V, 0V to
+20V,
±5V, or ±10V. The maximum throughput time
for 12-bit conversions is 25
µs over the full operating
temperature range, including both acquisition and con-
version.
Complete user control over the internal sampling func-
tion facilitates elimination of external sample/hold
amplifiers in most existing designs.
The ADS574 requires +5V, with –12V or –15V op-
tional, depending on usage. No +15V supply is re-
quired. Available packages include 0.3" or 0.6" wide
28-pin plastic DIPs and 28-lead SOICs.
Microprocessor-Compatible Sampling
CMOS ANALOG-TO-DIGITAL CONVERTER
Comparator
2.5V Reference
Input
CDAC
10V Range
20V Range
Bipolar Offset
+
2.5V Reference
Output
Control
Inputs
2.5V
Reference
Clock
Successive
Approximation
Register
Control Logic
Status
Parallel
Data
Output
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
ADS574
ADS574
ADS574
SBAS009


Similar Part No. - ADS574JU1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS574JU BURR-BROWN-ADS574JU Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS574JU1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com