Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC124S021 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC124S021
Description  ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC124S021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC124S021_14 Datasheet HTML 7Page - Texas Instruments ADC124S021_14 Datasheet HTML 8Page - Texas Instruments ADC124S021_14 Datasheet HTML 9Page - Texas Instruments ADC124S021_14 Datasheet HTML 10Page - Texas Instruments ADC124S021_14 Datasheet HTML 11Page - Texas Instruments ADC124S021_14 Datasheet HTML 12Page - Texas Instruments ADC124S021_14 Datasheet HTML 13Page - Texas Instruments ADC124S021_14 Datasheet HTML 14Page - Texas Instruments ADC124S021_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADC124S021
www.ti.com
SNAS277F – MARCH 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 50 ksps to 200 ksps, fSCLK = 0.8 MHz to 3.2 MHz, fIN = 39.9 kHz unless otherwise stated.
SNR
THD
vs.
vs.
Supply
Supply
Figure 18.
Figure 19.
SNR
THD
vs.
vs.
Clock Frequency
Clock Frequency
Figure 20.
Figure 21.
SNR
THD
vs.
vs.
Clock Duty Cycle
Clock Duty Cycle
Figure 22.
Figure 23.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC124S021


Similar Part No. - ADC124S021_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC124S021CIMM NSC-ADC124S021CIMM Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC124S021CIMM/NOPB TI1-ADC124S021CIMM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC124S021CIMMX NSC-ADC124S021CIMMX Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC124S021CIMMX/NOPB TI1-ADC124S021CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC124S021EVAL NSC-ADC124S021EVAL Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC124S021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_14 Datasheet
1Mb / 27P
[Old version datasheet]   ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
ADC084S021CIMM TI-ADC084S021CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com