Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC122S655CIMM Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC122S655CIMM
Description  ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S655CIMM Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC122S655CIMM Datasheet HTML 7Page - Texas Instruments ADC122S655CIMM Datasheet HTML 8Page - Texas Instruments ADC122S655CIMM Datasheet HTML 9Page - Texas Instruments ADC122S655CIMM Datasheet HTML 10Page - Texas Instruments ADC122S655CIMM Datasheet HTML 11Page - Texas Instruments ADC122S655CIMM Datasheet HTML 12Page - Texas Instruments ADC122S655CIMM Datasheet HTML 13Page - Texas Instruments ADC122S655CIMM Datasheet HTML 14Page - Texas Instruments ADC122S655CIMM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADC122S655
www.ti.com
SNAS445A – FEBRUARY 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VA = 5.0V, VREF = 2.5V, TA = +25°C, fSAMPLE = 500 kSPS, fSCLK = 16 MHz, fIN = 100 kHz unless otherwise stated.
SINAD vs. VREF
THD vs. VREF
Figure 19.
Figure 20.
SINAD vs. SCLK FREQUENCY
THD vs. SCLK FREQUENCY
Figure 21.
Figure 22.
SINAD vs. INPUT FREQUENCY
THD vs. INPUT FREQUENCY
Figure 23.
Figure 24.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC122S655


Similar Part No. - ADC122S655CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC122S655CIMM NSC-ADC122S655CIMM Datasheet
498Kb / 20P
   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655CIMM/NOPB TI1-ADC122S655CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S655CIMMX NSC-ADC122S655CIMMX Datasheet
498Kb / 20P
   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S655CIMMX/NOPB TI1-ADC122S655CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
More results

Similar Description - ADC122S655CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S655 TI1-ADC122S655_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S655 NSC-ADC122S655 Datasheet
498Kb / 20P
   Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S625 NSC-ADC122S625 Datasheet
496Kb / 20P
   Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC122S625 TI1-ADC122S625_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC122S625 Dual 12-Bit, 50 kSPS to 200 kSPS, Simultaneous Sampling A/D Converter
ADC122S706 TI1-ADC122S706_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
ADC122S706 TI1-ADC122S706_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
National Semiconductor ...
ADC122S706 NSC-ADC122S706 Datasheet
559Kb / 24P
   Dual 12-Bit, 500 kSPS to 1 MSPS, Simultaneous Sampling A/D Converter
logo
Texas Instruments
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com