Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC124S021CIMMXNOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC124S021CIMMXNOPB
Description  ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC124S021CIMMXNOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC124S021CIMMXNOPB Datasheet HTML 4Page - Texas Instruments ADC124S021CIMMXNOPB Datasheet HTML 5Page - Texas Instruments ADC124S021CIMMXNOPB Datasheet HTML 6Page - Texas Instruments ADC124S021CIMMXNOPB Datasheet HTML 7Page - Texas Instruments ADC124S021CIMMXNOPB Datasheet HTML 8Page - Texas Instruments ADC124S021CIMMXNOPB Datasheet HTML 9Page - Texas Instruments ADC124S021CIMMXNOPB Datasheet HTML 10Page - Texas Instruments ADC124S021CIMMXNOPB Datasheet HTML 11Page - Texas Instruments ADC124S021CIMMXNOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2
1
f
2
6
f
2
2
f
10
A
A
+
+
A
log
20
=
THD
ADC124S021
SNAS277F – MARCH 2005 – REVISED MARCH 2013
www.ti.com
GAIN ERROR is the deviation of the last code transition (111...110) to (111...111) from the ideal (VREF − 1.5
LSB), after adjusting for offset error.
INTEGRAL NON-LINEARITY (INL) is a measure of the deviation of each individual code from a line drawn from
negative full scale (½ LSB below the first code transition) through positive full scale (½ LSB above the last
code transition). The deviation of any given code from this straight line is measured from the center of that
code value.
INTERMODULATION DISTORTION (IMD) is the creation of additional spectral components as a result of two
sinusoidal frequencies being applied to the ADC input at the same time. It is defined as the ratio of the
power in the second and third order intermodulation products to the power in one of the original
frequencies. IMD is usually expressed in dB.
MISSING CODES are those output codes that will never appear at the ADC outputs. These codes cannot be
reached with any input value. The ADC124S021 is ensured not to have any missing codes.
OFFSET ERROR is the deviation of the first code transition (000...000) to (000...001) from the ideal (i.e. GND +
0.5 LSB).
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal to the rms
value of the sum of all other spectral components below one-half the sampling frequency, not including
d.c. or the harmonics included in THD.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD) Is the ratio, expressed in dB, of the rms value of
the input signal to the rms value of all of the other spectral components below half the clock frequency,
including harmonics but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the desired signal
amplitude to the amplitude of the peak spurious spectral component, where a spurious spectral
component is any signal present in the output spectrum that is not present at the input and may or may
not be a harmonic.
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB or dBc, of the rms total of the first five
harmonic components at the output to the rms level of the input signal frequency as seen at the output.
THD is calculated as
where
Af1 is the RMS power of the input frequency at the output
Af2 through Af6 are the RMS power in the first 5 harmonic frequencies
(2)
THROUGHPUT TIME is the minimum time required between the start of two successive conversion. It is the
acquisition time plus the conversion and read out times. In the case of the ADC124S021, this is 16 SCLK
periods.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC124S021


Similar Part No. - ADC124S021CIMMXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC124S021CIMMX NSC-ADC124S021CIMMX Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC124S021CIMMX/NOPB TI1-ADC124S021CIMMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
More results

Similar Description - ADC124S021CIMMXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_14 Datasheet
1Mb / 27P
[Old version datasheet]   ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
ADC084S021CIMM TI-ADC084S021CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com