Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC122S051 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC122S051
Description  ADC122S051/ADC122S051Q 2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S051 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC122S051 Datasheet HTML 6Page - Texas Instruments ADC122S051 Datasheet HTML 7Page - Texas Instruments ADC122S051 Datasheet HTML 8Page - Texas Instruments ADC122S051 Datasheet HTML 9Page - Texas Instruments ADC122S051 Datasheet HTML 10Page - Texas Instruments ADC122S051 Datasheet HTML 11Page - Texas Instruments ADC122S051 Datasheet HTML 12Page - Texas Instruments ADC122S051 Datasheet HTML 13Page - Texas Instruments ADC122S051 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADC122S051
SNAS257E – NOVEMBER 2004 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
TA = +25°C, fSAMPLE = 200 ksps to 500 ksps, fSCLK = 3.2 MHz to 8 MHz, fIN = 40.2 kHz unless otherwise stated.
DNL - VA = 3.0V
INL - VA = 3.0V
Figure 5.
Figure 6.
DNL - VA = 5.0V
INL - VA = 5.0V
Figure 7.
Figure 8.
DNL vs. Supply
INL vs. Supply
Figure 9.
Figure 10.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S051


Similar Part No. - ADC122S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC122S051 NSC-ADC122S051 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
ADC122S051 NSC-ADC122S051 Datasheet
930Kb / 19P
   2 Channel, 500 kSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI-ADC122S051 Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC122S051 TI1-ADC122S051 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC122S051 TI1-ADC122S051 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
More results

Similar Description - ADC122S051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_16 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S052 NSC-ADC128S052 Datasheet
826Kb / 18P
   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI1-ADC082S051_14 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC124S051 TI1-ADC124S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S051 4 Channel, 200 ksps to 500 ksps, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com