Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC122S021 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC122S021
Description  ADC122S021 2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC122S021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC122S021_14 Datasheet HTML 2Page - Texas Instruments ADC122S021_14 Datasheet HTML 3Page - Texas Instruments ADC122S021_14 Datasheet HTML 4Page - Texas Instruments ADC122S021_14 Datasheet HTML 5Page - Texas Instruments ADC122S021_14 Datasheet HTML 6Page - Texas Instruments ADC122S021_14 Datasheet HTML 7Page - Texas Instruments ADC122S021_14 Datasheet HTML 8Page - Texas Instruments ADC122S021_14 Datasheet HTML 9Page - Texas Instruments ADC122S021_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
IOL
200 PA
IOH
200 PA
1.6V
To Output Pin
CL
35 pF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
Track
Hold
Power Up
Track
Hold
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
9
10
DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB11 DB10
DB9
DB8
DB7
DIN
DOUT
Power Up
SCLK
CS
Power Down
Control register
Control register
ADC122S021
SNAS280D – MARCH 2005 – REVISED MARCH 2013
www.ti.com
ADC122S021 TIMING SPECIFICATIONS (continued)
The following specifications apply for VA = +2.7V to 5.25V, GND = 0V, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE = 50 ksps to 200
ksps, CL = 35 pF, Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits (1)
Units
0.3 x
tCL
SCLK Low Pulse Width
0.5 x tSCLK
ns (min)
tSCLK
VA = +3.0V
1.8
Output Falling
VA = +5.0V
1.3
tDIS
CS Rising Edge to DOUT High-Impedance
20
ns (max)
VA = +3.0V
1.0
Output Rising
VA = +5.0V
1.0
Timing Diagrams
Figure 1. ADC122S021 Operational Timing Diagram
Figure 2. Timing Test Circuit
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S021


Similar Part No. - ADC122S021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results

Similar Description - ADC122S021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC122S051 TI1-ADC122S051_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps 12-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com