Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC088S102CIMT Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC088S102CIMT
Description  ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC088S102CIMT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC088S102CIMT Datasheet HTML 2Page - Texas Instruments ADC088S102CIMT Datasheet HTML 3Page - Texas Instruments ADC088S102CIMT Datasheet HTML 4Page - Texas Instruments ADC088S102CIMT Datasheet HTML 5Page - Texas Instruments ADC088S102CIMT Datasheet HTML 6Page - Texas Instruments ADC088S102CIMT Datasheet HTML 7Page - Texas Instruments ADC088S102CIMT Datasheet HTML 8Page - Texas Instruments ADC088S102CIMT Datasheet HTML 9Page - Texas Instruments ADC088S102CIMT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
tCONVERT
tACQ
tCH
tCL
tEN
tDH
tDS
FOUR ZEROS
DB8
DONTC
DONTC
ADD2
ADD1
ADD0
DONTC
DONTC
DONTC
DB9
DB7
DB6
B1
14
8
7
6
5
4
3
2
1
DB0
DIN
DOUT
SCLK
CS
tDIS
15
16
tDACC
tDHLD
TWO ZEROS
8
9
10
11
12
13
14
15
16
Track
Hold
Power Up
ADD2
ADD1
ADD0
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DIN
DOUT
SCLK
CS
Control register
1
2
3
4
5
6
7
1
2
3
4
5
6
7
ADD2
ADD1
ADD0
8
DB9
DB8
DB7
Power
Down
Power Up
Track
Hold
FOUR ZEROS
SIX ZEROS
ADC088S102
SNAS339B – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
ADC088S102 Timing Specifications
The following specifications apply for VA = VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 8 MHz to 16 MHz, fSAMPLE =
500 kSPS to 1 MSPS, and CL = 50pF. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Parameter
Test Conditions
Typ
Units
(1)
tCSH
CS Hold Time after SCLK Rising Edge
0
10
ns (min)
CS Setup Time prior to SCLK Rising
tCSS
5
10
ns (min)
Edge
tEN
CS Falling Edge to DOUT enabled
5
30
ns (max)
DOUT Access Time after SCLK Falling
tDACC
17
27
ns (max)
Edge
DOUT Hold Time after SCLK Falling
tDHLD
4
ns (typ)
Edge
DIN Setup Time prior to SCLK Rising
tDS
3
10
ns (min)
Edge
tDH
DIN Hold Time after SCLK Rising Edge
3
10
ns (min)
tCH
SCLK High Time
0.4 x tSCLK
ns (min)
tCL
SCLK Low Time
0.4 x tSCLK
ns (min)
DOUT falling
2.4
20
ns (max)
CS Rising Edge to DOUT High-
tDIS
Impedance
DOUT rising
0.9
20
ns (max)
(1)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
Timing Diagrams
Figure 2. ADC088S102 Operational Timing Diagram
Figure 3. ADC088S102 Serial Timing Diagram
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC088S102


Similar Part No. - ADC088S102CIMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S102CIMT NSC-ADC088S102CIMT Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC088S102CIMTX NSC-ADC088S102CIMTX Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
More results

Similar Description - ADC088S102CIMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101CIMM TI-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com