Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS325SN2T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS325SN2T1G
Description  Zero-Drift Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS325SN2T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCS325SN2T1G Datasheet HTML 1Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 2Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 3Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 4Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 5Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 6Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 7Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 8Page - ON Semiconductor NCS325SN2T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCS325
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS: VS = 1.8 V to 5.5 V
At TA = +25°C, RL = 10 kW connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = −40°C to 125°C, guaranteed by characterization and/or design.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Characteristics
Offset Voltage
VOS
VS = +5V
14
50
mV
Offset Voltage Drift vs Temp
DVOS/DT
TA = −40°C to 125°C
0.02
0.25
mV/°C
Input Bias Current
IIB
±50
pA
Input Offset Current
IOS
±100
pA
Common Mode Rejection Ratio
CMRR
VSS+0.3 < VCM < VDD − 0.3, VS = 1.8 V
85
108
dB
VSS+0.3 < VCM < VDD − 0.3,
VS = 5.5 V
90
110
VSS−0.1 < VCM < VDD + 0.1, VS = 1.8 V
80
VSS−0.1 < VCM < VDD + 0.1, VS = 5.5 V
92
Input Resistance
RIN
15
G
W
Input Capacitance
CIN
Differential
1.8
pF
Common Mode
3.5
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
Output swing within VDD
12
100
mV
Output Voltage Low
VOL
Output swing within VSS
8
100
mV
Short Circuit Current
ISC
±5
mA
Open Loop Output Impedance
Zout−OL
f = 350 kHz, IO = 0 mA, VS = 1.8 V
1.4
k
W
f = 350 kHz, IO = 0 mA, VS = 5.5 V
2.7
Capacitive Load Drive
CL
See Figure
NOISE PERFORMANCE
Voltage Noise Density
eN
fIN = 1 kHz
100
nV /
√Hz
Voltage Noise
eP−P
fIN = 0.01 Hz to 1 Hz
0.3
mVPP
fIN = 0.1 Hz to 10 Hz
1
mVPP
Current Noise Density
iN
fIN = 10 Hz
0.3
pA /
√Hz
Dynamic Performance
Open Loop Voltage Gain
AVOL
RL = 10 kW, VS = 5.5 V
114
dB
Gain Bandwidth Product
GBWP
CL = 100 pF, RL = 10 kW
350
kHz
Phase Margin
fM
CL = 100 pF
60
°
Gain Margin
AM
CL = 100 pF
20
dB
Slew Rate
SR
G = +1, CL = 100 pF, Vs = 1.8 V
0.10
V/
ms
G = +1, CL = 100 pF, Vs = 5.5 V
0.16
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
100
107
dB
TA = −40°C to 125°C
95
Turn−on Time
tON
VS = 5 V
100
ms
Quiescent Current
IQ
No load
21
35
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCS325SN2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS325SN2T1G ONSEMI-NCS325SN2T1G Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS325SN2T1G ONSEMI-NCS325SN2T1G Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results

Similar Description - NCS325SN2T1G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_15 Datasheet
191Kb / 12P
   Dual 15V Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com