Electronic Components Datasheet Search |
|
ADC10DL065 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
ADC10DL065 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 34 page ADC10DL065 www.ti.com SNAS314B – JUNE 2006 – REVISED APRIL 2013 ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter Check for Samples: ADC10DL065 1 FEATURES DESCRIPTION The ADC10DL065 is a dual, low power monolithic 2 • Single +3.3V Supply Operation CMOS analog-to-digital converter capable of • Internal Sample-and-Hold converting analog input signals into 10-bit digital • Internal Reference words at 65 Megasamples per second (MSPS). This converter uses a differential, pipeline architecture with • Outputs 2.4V to 3.6V Compatible digital error correction and an on-chip sample-and- • Power Down Mode hold circuit to minimize power consumption while • Duty Cycle Stabilizer providing excellent dynamic performance and a 250 MHz Full Power Bandwidth. Operating on a single • Multiplexed Output Mode +3.3V power supply, the ADC10DL065 achieves 9.8 effective bits at nyquist and consumes just 370 mW KEY SPECIFICATIONS at 65 MSPS, including the reference current. The • Resolution 10 Bits Power Down feature reduces power consumption to 36 mW. • DNL ±0.16 LSB (typ) • SNR (fIN = 10 MHz) 61 dB (typ) The differential inputs provide a full scale differential input swing equal to 2 times VREF with the possibility • SFDR (fIN = 10 MHz) 85 dB (typ) of a single-ended input. Full use of the differential • Data Latency 7 Clock Cycles input is recommended for optimum performance. The • Power Consumption digital outputs from the two ADC's are available on a single multiplexed 10-bit bus or on separate buses. – Operating 370 mW (typ) Duty cycle stabilization and output data format are – Power Down Mode 36 mW (typ) selectable using a quad state function pin. The output data can be set for offset binary or two's complement. APPLICATIONS To ease interfacing to lower voltage systems, the • Ultrasound and Imaging digital output driver power pins of the ADC10DL065 • Instrumentation can be connected to a separate supply voltage in the range of 2.4V to the analog supply voltage. This • Communications Receivers device is available in the 64-lead TQFP package and • Sonar/Radar will operate over the industrial temperature range of • xDSL −40°C to +85°C. An evaluation board is available to ease the evaluation process. • DSP Front Ends 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2006–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - ADC10DL065 |
|
Similar Description - ADC10DL065 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |