Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1118IRUGT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1118IRUGT
Description  Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1118IRUGT Datasheet(HTML) 2 Page - Texas Instruments

  ADS1118IRUGT Datasheet HTML 1Page - Texas Instruments ADS1118IRUGT Datasheet HTML 2Page - Texas Instruments ADS1118IRUGT Datasheet HTML 3Page - Texas Instruments ADS1118IRUGT Datasheet HTML 4Page - Texas Instruments ADS1118IRUGT Datasheet HTML 5Page - Texas Instruments ADS1118IRUGT Datasheet HTML 6Page - Texas Instruments ADS1118IRUGT Datasheet HTML 7Page - Texas Instruments ADS1118IRUGT Datasheet HTML 8Page - Texas Instruments ADS1118IRUGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ADS1118
SBAS457D – OCTOBER 2010 – REVISED OCTOBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or visit the device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VDD to GND
–0.3 to +5.5
V
100, momentary
mA
Analog input current
10, continuous
mA
Analog input voltage to GND
–0.3 to VDD + 0.3
V
DIN, DOUT/DRDY, SCLK, CS voltage to GND
–0.3 to +5.5
V
Human body model (HBM)
±4000
V
JEDEC standard 22, test method A114-C.01, all pins
Electrostatic discharge
(ESD) ratings
Charged device model (CDM)
±1000
V
JEDEC standard 22, test method C101, all pins
Operating temperature range
–40 to +125
°C
Maximum junction temperature
+150
°C
Storage temperature range
–60 to +150
°C
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
PRODUCT FAMILY
MAXIMUM
INPUT CHANNELS
PACKAGE
RESOLUTION
SAMPLE RATE
[Differential
DESIGNATOR
DEVICE
(Bits)
(SPS)
(Single-Ended)]
PGA
INTERFACE
SPECIAL FEATURES
MSOP, QFN
ADS1118
16
860
2 (4)
Yes
SPI
Temperature sensor
BBEI, SDQ
ADS1018
12
3300
2 (4)
Yes
SPI
Temperature sensor
BTNQ, SDZ
ADS1115
16
860
2 (4)
Yes
Comparator
BOGI, N4J
I2C
ADS1114
16
860
1 (1)
Yes
Comparator
BRNI, N5J
I2C
ADS1113
16
860
1 (1)
No
None
BROI, N6J
I2C
ADS1015
12
3300
2 (4)
Yes
Comparator
BRPI, N7J
I2C
ADS1014
12
3300
1 (1)
Yes
Comparator
BRQI, N8J
I2C
ADS1013
12
3300
1 (1)
No
None
BRMI, N9J
I2C
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: ADS1118


Similar Part No. - ADS1118IRUGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118IRUGT TI1-ADS1118IRUGT Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1118IRUGT TI1-ADS1118IRUGT Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results

Similar Description - ADS1118IRUGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com