Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34696-9100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 34696-9100
Description  Stac64??Single Bay Right Angle Power Header, 10 Circuits, Polarization A, Black, Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34696-9100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  34696-9100 Datasheet HTML 1Page - Molex Electronics Ltd. 34696-9100 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
18A, 30A
Voltage - Maximum
500V
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-34729-020
Product Specification
PS-31372-100
Sales Drawing
SD-34696-100, SD-34708-200, SD-34708-300,
SD-34708-400
This document was generated on 09/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 34696-9100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34696-9101 MOLEX11-34696-9101 Datasheet
58Kb / 2P
   Stac64??Single Bay Right Angle Power Header, 10 Circuits, Polarization B, Gray, Tube
34696-9102 MOLEX11-34696-9102 Datasheet
35Kb / 2P
   Stac64??Single Bay Right Angle Power Header, 10 Circuits, Polarization C, Brown, Tube
More results

Similar Description - 34696-9100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34695-9100 MOLEX11-34695-9100 Datasheet
41Kb / 2P
   Stac64??Single Bay Vertical Power Header, 10 Circuits, Polarization A, Black, Tube
34696-0100 MOLEX11-34696-0100 Datasheet
64Kb / 2P
   Stac64??Single Bay Right Angle Power Header, 10 Circuits, Polarization A, Black, Tray
34696-9101 MOLEX11-34696-9101 Datasheet
58Kb / 2P
   Stac64??Single Bay Right Angle Power Header, 10 Circuits, Polarization B, Gray, Tube
34696-9102 MOLEX11-34696-9102 Datasheet
35Kb / 2P
   Stac64??Single Bay Right Angle Power Header, 10 Circuits, Polarization C, Brown, Tube
34695-0100 MOLEX11-34695-0100 Datasheet
41Kb / 2P
   Stac64??Single Bay Vertical Power Header, 10 Circuits, Polarization A, Black, Tray
34695-9101 MOLEX11-34695-9101 Datasheet
57Kb / 2P
   Stac64??Single Bay Vertical Power Header, 10 Circuits, Polarization B, Gray, Tube
34708-2024 MOLEX11-34708-2024 Datasheet
62Kb / 2P
   Stac64??2 Bay Right Angle Headers, 18 Circuits, Bay A Power Header, 8 Circuits,Polarization A, Black; Bay B 10 Circuit Power Header, Polarization A, Black; Tray
34695-9102 MOLEX11-34695-9102 Datasheet
35Kb / 2P
   Stac64??Single Bay Vertical Power Header, 10 Circuits, Polarization B, Brown, Tube
34691-9080 MOLEX11-34691-9080 Datasheet
65Kb / 2P
   Stac64??Right Angle Header, 8 Circuits, Polarization A, Black, Tube
34696-0101 MOLEX11-34696-0101 Datasheet
58Kb / 2P
   Stac64??Single Bay Right Angle Power Header, 10 Circuits, Polarization B, Gray, Tray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com