Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1281IPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1281IPW
Description  High-Resolution Analog-to-Digital Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1281IPW Datasheet(HTML) 5 Page - Texas Instruments

  ADS1281IPW Datasheet HTML 1Page - Texas Instruments ADS1281IPW Datasheet HTML 2Page - Texas Instruments ADS1281IPW Datasheet HTML 3Page - Texas Instruments ADS1281IPW Datasheet HTML 4Page - Texas Instruments ADS1281IPW Datasheet HTML 5Page - Texas Instruments ADS1281IPW Datasheet HTML 6Page - Texas Instruments ADS1281IPW Datasheet HTML 7Page - Texas Instruments ADS1281IPW Datasheet HTML 8Page - Texas Instruments ADS1281IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
CLK
SCLK
DRDY
DOUT
MOD/DIN
DGND
PHS/MCLK
DR1/M1
DR0/M0
HPF/SYNC
MFLAG
DGND
BYPAS
DGND
DVDD
PINMODE
RESET
PWDN
VREFP
VREFN
AVSS
AVDD
AINN
AINP
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ADS1281
ADS1281
www.ti.com
SBAS378D – AUGUST 2007 – REVISED JUNE 2010
DEVICE INFORMATION
TSSOP-24
Top View
TERMINAL FUNCTIONS
DESCRIPTION
NAME
NO.
FUNCTION
PIN MODE (PINMODE = 1)
REGISTER MODE (PINMODE = 0)
CLK
1
Digital input
Master clock input
Master clock input
SCLK
2
Digital input
SPI serial clock input
SPI serial clock input
DRDY
3
Digital output
Data ready output: read data on falling edge
Data ready output: read data on falling edge
DOUT
4
Digital output
SPI serial data output
SPI serial data output
MOD: 0 = Digital filter mode
MOD/DIN
5
Digital input
DIN: SPI serial data input
1 = Filter bypass (modulator output)
(MOD = 0) PHS:
If in modulator mode:
PHS/MCLK
7
Digital I/O
0 = Linear phase filter, 1 = Minimum phase filter
MCLK: Modulator clock output
(MOD = 1) MCLK: Modulator clock output
Otherwise, the pin is an unused input (must be tied).
If in modulator mode:
(MOD = 0) DR1 = Data rate select input 1
DR1/M1
8
Digital I/O
M1: Modulator data output 1
(MOD = 1) M1 = Modulator data output 1
Otherwise, the pin is an unused input (must be tied).
If in modulator mode:
(MOD = 0) DR0 = Data rate select input 0
DR0/M0
9
Digital I/O
M0: Modulator data output 0
(MOD = 1) M0 = Modulator data output 0
Otherwise, the pin is an unused input (must be tied).
(MOD = 0) HPF: 0 = High-pass filter off, 1 = HPF on
HPF/SYNC
10
Digital input
SYNC: Synchronize input
(MOD = 1) SYNC = Synchronize Input
Modulator over-range flag:
Modulator over-range flag:
MFLAG
11
Digital output
0 = Normal, 1 = Modulator over-range
0 = Normal, 1 = Modulator over-range
DGND
6, 12, 23
Digital ground
Digital ground, pin 12 is the key ground point
Digital ground, pin 12 is the key ground point
AINP
13
Analog input
Positive analog input
Positive analog input
AINN
14
Analog input
Negative analog input
Negative analog input
AVDD
15
Analog supply
Positive analog power supply
Positive analog power supply
AVSS
16
Analog supply
Negative analog power supply
Negative analog power supply
VREFN
17
Analog input
Negative reference input
Negative reference input
VREFP
18
Analog input
Positive reference input
Positive reference input
PWDN
19
Digital input
Power-down input, active low
Power-down input, active low
RESET
20
Digital input
Synchronize input
Reset input
PINMODE
21
Digital input
1 = Pin mode
0 = Register mode
DVDD
22
Digital supply
Digital power supply: +1.8V to +3.3V
Digital power supply: +1.8V to +3.3V
BYPAS
24
Capacitor bypass
Digital core bypass; 1mF bypass capacitor to GND
Digital core bypass; 1mF bypass capacitor to GND
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1281


Similar Part No. - ADS1281IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1281IPW TI-ADS1281IPW Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWG4 TI-ADS1281IPWG4 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWR TI-ADS1281IPWR Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281IPWRG4 TI-ADS1281IPWRG4 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results

Similar Description - ADS1281IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com