Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1610IPAPT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1610IPAPT
Description  16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1610IPAPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1610IPAPT Datasheet HTML 2Page - Texas Instruments ADS1610IPAPT Datasheet HTML 3Page - Texas Instruments ADS1610IPAPT Datasheet HTML 4Page - Texas Instruments ADS1610IPAPT Datasheet HTML 5Page - Texas Instruments ADS1610IPAPT Datasheet HTML 6Page - Texas Instruments ADS1610IPAPT Datasheet HTML 7Page - Texas Instruments ADS1610IPAPT Datasheet HTML 8Page - Texas Instruments ADS1610IPAPT Datasheet HTML 9Page - Texas Instruments ADS1610IPAPT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
TIMING SPECIFICATIONS
CLK
DRDY
DOUT[15:0]
Data N
Data N + 1
Data N + 2
t
1
t
2
t
4
t
4
t
6
t
2
t
3
t
5
RD, CS
DOUT[15:0]
t
7
t
8
ADS1610
SBAS344C – AUGUST 2005 – REVISED OCTOBER 2006
TERMINAL FUNCTIONS (continued)
TERMINAL
ANALOG/DIGITAL
DESCRIPTION
INPUT/OUTPUT
NAME
NO.
RD
22
Digital input; Active low
Read enable
OTR
23
Digital output
Analog inputs out-of-range
DRDY
24
Digital output
Data ready
DOUT[15:0]
29–44
Digital output
Data output. DOUT[15] is the MSB and DOUT[0] is the LSB.
CLK
56
Digital input
Clock input
AGND2
57
Analog
Analog ground for AVDD2
AVDD2
58
Analog
Analog supply for modulator clocking
VCAP
59
Analog
Bypass capacitor
VREFN
60, 61
Analog
Negative reference voltage
VMID
62
Analog
Midpoint voltage
VREFP
63, 64
Analog
Positive reference voltage
Figure 1. Data Retrieval Timing
Figure 2. DOUT Inactive/Active Timing
6
Submit Documentation Feedback


Similar Part No. - ADS1610IPAPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610IPAPT BURR-BROWN-ADS1610IPAPT Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610IPAPTG4 BURR-BROWN-ADS1610IPAPTG4 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1610IPAPT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9726BSVZ AD-AD9726BSVZ Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
AD9726 AD-AD9726_15 Datasheet
411Kb / 24P
   16-Bit, 400 MSPS Digital-to-Analog Converter
REV. B
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com