Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4126 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4126
Description  12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4126 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS4126 Datasheet HTML 7Page - Texas Instruments ADS4126 Datasheet HTML 8Page - Texas Instruments ADS4126 Datasheet HTML 9Page - Texas Instruments ADS4126 Datasheet HTML 10Page - Texas Instruments ADS4126 Datasheet HTML 11Page - Texas Instruments ADS4126 Datasheet HTML 12Page - Texas Instruments ADS4126 Datasheet HTML 13Page - Texas Instruments ADS4126 Datasheet HTML 14Page - Texas Instruments ADS4126 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
ADS4126
, ADS4129
ADS4146
, ADS4149
www.ti.com
SBAS483G – NOVEMBER 2009 – REVISED JANUARY 2011
ADS412x, ADS414x Pin Assignments (LVDS Mode) (continued)
# OF
PIN NAME
PIN NUMBER
PINS
FUNCTION
DESCRIPTION
Output buffer enable input, active high; this pin has an internal 180k
Ω pull-up resistor to
OE
7
1
I
DRVDD.
Data format select input. This pin sets the DATA FORMAT (twos complement or offset
DFS
6
1
I
binary) and the LVDS/CMOS output interface type. See Table 7 for detailed information.
RESERVED
23
1
I
Digital control pin, reserved for future use
CLKOUTP
5
1
O
Differential output clock, true
CLKOUTM
4
1
O
Differential output clock, complement
Refer to Figure 1 and
D0_D1_P
1
O
Differential output data D0 and D1 multiplexed, true
Figure 2
Refer to Figure 1 and
D0_D1_M
1
O
Differential output data D0 and D1 multiplexed, complement
Figure 2
Refer to Figure 1 and
D2_D3_P
1
O
Differential output data D2 and D3 multiplexed, true
Figure 2
Refer to Figure 1 and
D2_D3_M
1
O
Differential output data D2 and D3 multiplexed, complement
Figure 2
Refer to Figure 1 and
D4_D5_P
1
O
Differential output data D4 and D5 multiplexed, true
Figure 2
Refer to Figure 1 and
D4_D5_M
1
O
Differential output data D4 and D5 multiplexed, complement
Figure 2
Refer to Figure 1 and
D6_D7_P
1
O
Differential output data D6 and D7 multiplexed, true
Figure 2
Refer to Figure 1 and
D6_D7_M
1
O
Differential output data D6 and D7 multiplexed, complement
Figure 2
Refer to Figure 1 and
D8_D9_P
1
O
Differential output data D8 and D9 multiplexed, true
Figure 2
Refer to Figure 1 and
D8_D9_M
1
O
Differential output data D8 and D9 multiplexed, complement
Figure 2
Refer to Figure 1 and
D10_D11_P
1
O
Differential output data D10 and D11 multiplexed, true
Figure 2
Refer to Figure 1 and
D10_D11_M
1
O
Differential output data D10 and D11 multiplexed, complement
Figure 2
Refer to Figure 1 and
D12_D13_P
1
O
Differential output data D12 and D13 multiplexed, true
Figure 2
Refer to Figure 1 and
D12_D13_M
1
O
Differential output data D12 and D13 multiplexed, complement
Figure 2
This pin functions as an out-of-range indicator after reset, when register bit
OVR_SDOUT
3
1
O
READOUT = 0, and functions as a serial register readout pin when READOUT = 1.
DRVDD
2, 35
2
I
1.8V digital and output buffer supply
DRGND
1, 36, PAD
2
I
Digital and output buffer ground
Refer to Figure 1 and
NC
Do not connect
Figure 2
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS4126 ADS4129 ADS4146 ADS4149


Similar Part No. - ADS4126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
More results

Similar Description - ADS4126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com