Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1541IFNG3 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC1541IFNG3
Description  10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1541IFNG3 Datasheet(HTML) 2 Page - Texas Instruments

  TLC1541IFNG3 Datasheet HTML 1Page - Texas Instruments TLC1541IFNG3 Datasheet HTML 2Page - Texas Instruments TLC1541IFNG3 Datasheet HTML 3Page - Texas Instruments TLC1541IFNG3 Datasheet HTML 4Page - Texas Instruments TLC1541IFNG3 Datasheet HTML 5Page - Texas Instruments TLC1541IFNG3 Datasheet HTML 6Page - Texas Instruments TLC1541IFNG3 Datasheet HTML 7Page - Texas Instruments TLC1541IFNG3 Datasheet HTML 8Page - Texas Instruments TLC1541IFNG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLC1541
10-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 INPUTS
SLAS073C – DECEMBER 1995 – REVISED AUGUST 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The converters incorporated in the TLC1541 feature differential high-impedance reference inputs that facilitate
ratiometric conversion, scaling, and analog circuitry isolation from logic and supply noises. A totally
switched-capacitor design allows low-error conversion in 21
µs over the full operating temperature range.
The TLC1541 is available in DW, FN, and N packages. The C-suffix versions are characterized for operation
from 0
°C to 70°C. The I-suffix versions are characterized for operation from –40°C to 85°C.
functional block diagram
12-Channel
Analog
Multiplexer
Sample and
Hold
10-Bit
Switched-Capacitors
Analog-to-Digital
Converter
Self-Test
Reference
Output
Data
Register
10-to-1 Data
Selector and
Driver
Control Logic
and I/O
Counters
Input
Multiplexer
Input Address
Register
2
4
4
10
10
4
REF+
REF–
DATA
OUT
ANALOG
INPUTS
ADDRESS
INPUT
I/O CLOCK
SYSTEM
CLOCK
CS
1
2
3
4
5
6
7
8
9
11
12
14
13
16
17
18
15
19
typical equivalent inputs
INPUT CIRCUIT IMPEDANCE DURING SAMPLING MODE
INPUT CIRCUIT IMPEDANCE DURING HOLD MODE
1 k
Ω TYP
Ci = 60 pF TYP
(equivalent input
capacitance)
5 M
Ω TYP
INPUT
A0 – A10
INPUT
A0 – A10


Similar Part No. - TLC1541IFNG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1541IFN TI-TLC1541IFN Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
More results

Similar Description - TLC1541IFNG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC2543-EP TI-TLC2543-EP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543C TI-TLV1543C Datasheet
295Kb / 18P
[Old version datasheet]   3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com