Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5510IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5510IPWR
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5510IPWR Datasheet(HTML) 3 Page - Texas Instruments

  TLC5510IPWR Datasheet HTML 1Page - Texas Instruments TLC5510IPWR Datasheet HTML 2Page - Texas Instruments TLC5510IPWR Datasheet HTML 3Page - Texas Instruments TLC5510IPWR Datasheet HTML 4Page - Texas Instruments TLC5510IPWR Datasheet HTML 5Page - Texas Instruments TLC5510IPWR Datasheet HTML 6Page - Texas Instruments TLC5510IPWR Datasheet HTML 7Page - Texas Instruments TLC5510IPWR Datasheet HTML 8Page - Texas Instruments TLC5510IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TLC5510, TLC5510A
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
20, 21
Analog ground
ANALOG IN
19
I
Analog input
CLK
12
I
Clock input
DGND
2, 24
Digital ground
D1 – D8
3 – 10
O
Digital data out. D1 = LSB, D8 = MSB
OE
1
I
Output enable. When OE = low, data is enabled. When OE = high, D1 – D8 is in high-impedance state.
VDDA
14, 15, 18
Analog supply voltage
VDDD
11, 13
Digital supply voltage
REFB
23
I
Reference voltage in bottom
REFBS
22
Reference voltage in bottom. When using the TLC5510 internal voltage divider to generate a nominal 2-V
reference, REFBS is shorted to REFB (see Figure 3). When using the TLC5510A, REFBS is connected to
ground.
REFT
17
I
Reference voltage in top
REFTS
16
Reference voltage in top. When using the TLC5510 internal voltage divider to generate a nominal 2-V
reference, REFTS is shorted to REFT (see Figure 3). When using the TLC5510A, REFTS is connected to
VDDA.
absolute maximum ratings
Supply voltage, VDDA, VDDD
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage input range, VREFT, VREFB
AGND to VDDA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range, VI(ANLG)
AGND to VDDA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, VI(DGTL)
DGND to VDDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range, VO(DGTL)
DGND to VDDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
– 20
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDDA – AGND
4.75
5
5.25
V
Supply voltage
VDDD – AGND
4.75
5
5.25
V
AGND – DGND
– 100
0
100
mV
Reference input voltage (top), Vref(T)‡
TLC5510A
VREFB+2
4
V
Reference input voltage (bottom), Vref(B)‡
TLC5510A
0
VREFT– 4
V
Analog input voltage range, VI(ANLG)
VREFB
VREFT
V
High-level input voltage, VIH
4
V
Low-level input voltage, VIL
1
V
Pulse duration, clock high, tw(H) (see Figure 1)
25
ns
Pulse duration, clock low, tw(L) (see Figure 1)
25
ns
‡ The reference voltage levels for the TLC5510 are derived through an internal resistor divider between VDDA and ground and therefore are not
derived from a separate external voltage source (see the electrical characteristics and text). For the 4 V input range of the TLC5510A, the
reference voltage is externally applied across the center divider resistor.


Similar Part No. - TLC5510IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWRG4 TI1-TLC5510IPWRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWRG4 TI1-TLC5510IPWRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC5510IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSR TI-TLC5510INSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
Analog Devices
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com