Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV0831C Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV0831C
Description   8-Bit Resolution 2.7 V to 3.6 V VCC Easy Microprocessor Interface or Standalone Operation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV0831C Datasheet(HTML) 4 Page - Texas Instruments

  TLV0831C_14 Datasheet HTML 1Page - Texas Instruments TLV0831C_14 Datasheet HTML 2Page - Texas Instruments TLV0831C_14 Datasheet HTML 3Page - Texas Instruments TLV0831C_14 Datasheet HTML 4Page - Texas Instruments TLV0831C_14 Datasheet HTML 5Page - Texas Instruments TLV0831C_14 Datasheet HTML 6Page - Texas Instruments TLV0831C_14 Datasheet HTML 7Page - Texas Instruments TLV0831C_14 Datasheet HTML 8Page - Texas Instruments TLV0831C_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TLV0831C, TLV0831I
TLV0832C, TLV0832I
3VOLT 8BIT ANALOGTODIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS148 − SEPTEMBER 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
sequence of operation
Don’t Care
17
6
2
0
1
2
6
7
MSB
LSB
LSB-First Data
EVEN
DIF
+Sign Bit
ODD
SGL
Start
Bit
1
765
2
43
MSB
DI
DO
CS
tsu
CLK
21
20
19
18
14
13
12
123
456
10
11
TLV0832
Hi-Z
0
LSB
tconv
MSB-First Data
MSB
Hi-Z
DO
MUX
Settling Time
CS
CLK
10
9
8
7
6
5
4
3
2
1
tsu
tconv
TLV0831
Hi-Z
MSB-First Data
TLV0832 MUX-ADDRESS CONTROL LOGIC TABLE
MUX ADDRESS
CHANNEL NUMBER
SGL/DIF
ODD/EVEN
CH0
CH1
L
H
L
H
L
L
H
H
+
+
+
+
MUX
Settling Time
H = high level, L = low level,
− or + = terminal polarity for the selected input channel
(TLV0832
only)


Similar Part No. - TLV0831C_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV0831C TI1-TLV0831C_16 Datasheet
903Kb / 19P
[Old version datasheet]   3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com