Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1508IDW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1508IDW
Description   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1508IDW Datasheet(HTML) 3 Page - Texas Instruments

  TLV1508IDW Datasheet HTML 1Page - Texas Instruments TLV1508IDW Datasheet HTML 2Page - Texas Instruments TLV1508IDW Datasheet HTML 3Page - Texas Instruments TLV1508IDW Datasheet HTML 4Page - Texas Instruments TLV1508IDW Datasheet HTML 5Page - Texas Instruments TLV1508IDW Datasheet HTML 6Page - Texas Instruments TLV1508IDW Datasheet HTML 7Page - Texas Instruments TLV1508IDW Datasheet HTML 8Page - Texas Instruments TLV1508IDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
TLV1504, TLV1508
2.7V TO 5.5V, 10BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS251A − DECEMBER 1999 − REVISED JANUARY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
TLV1504
TLV1508
I/O
DESCRIPTION
A0
A0
A1
A1
A2
A2
A3
A3
A4
A5
A6
A7
6
7
8
9
6
7
8
9
10
11
12
13
I
Analog signal inputs. The analog inputs are applied to these terminals and are internally
multiplexed. The driving source impedance should be less than or equal to 1 k
Ω.
For a source impedance greater than 1 k
Ω, use the asynchronous conversion start signal CSTART
(CSTART low time controls the sampling period) or program long sampling period to increase the
sampling time.
CS
16
20
I
Chip select. A high-to-low transition on the CS input resets the internal 4-bit counter, enables SDI,
and removes SDO from 3-state within a maximum setup time. SDI is disabled within a setup time
after the 4-bit counter counts to 16 (clock edges) or a low-to-high transition of CS whichever
happens first.
NOTE: CS falling and rising edges need to happen when SCLK is low for a microprocessor interface
such as SPI.
CSTART
10
14
I
This terminal controls the start of sampling of the analog input from a selected multiplex channel.
Sampling time starts with the falling edge of CSTART and ends with the rising edge of CSTART as
long as CS is held high. In mode 01, select cycle, CSTART can be issued as soon as CHANNEL
is selected which means the fifth SCLK during the select cycle, but the effective sampling time is
not started until CS goes to high. The rising edge of CSTART (when CS = 1) also starts the
conversion. Tie this terminal to VCC if not used.
EOC/(INT)
4
4
O
End of conversion or interrupt to host processor.
[PROGRAMMED AS EOC]: This output goes from a high-to-low logic level at the end of the
sampling period and remains low until the conversion is complete and data are ready for transfer.
EOC is used in conversion mode 00 only.
[PROGRAMMED AS INT]: This pin can also be programmed as an interrupt output signal to the host
processor. The falling edge of INT indicates data are ready for output. The following CS
↓ or FS
clears INT.
FS
13
17
I
DSP frame sync input. Indication of the start of a serial data frame in or out of the device. If FS
remains low after the falling edge of CS, SDI is not enabled until an active FS is presented. A
high-to-low transition on the FS input resets the internal 4-bit counter and enables SDI within a
maximum setup time. SDI is disabled within a setup time after the 4-bit counter counts to 16 (clock
edges) or a low-to-high transition of CS whichever happens first.
Tie this terminal to VCC if not used. See the date code information section, item (1).
GND
11
15
I
Ground return for the internal circuitry. Unless otherwise noted, all voltage measurements are with
respect to GND.
PWDN
12
16
I
Both analog and reference circuits are powered down when this pin is at logic zero. The device can
be restarted by active CS, FS or CSTART after this pin is pulled back to logic one.
SCLK
3
3
I
Input serial clock. This terminal receives the serial SCLK from the host processor. SCLK is used to
clock the input SDI to the input register. When programmed, it may also be used as the source of
the conversion clock.
NOTE: This device supports CPOL (clock polarity) = 0, which is SCLK returns to zero when idling
for SPI compatible interface.
SDI
2
2
I
Serial data input. The input data is presented with the MSB (D15) first. The first 4-bit MSBs,
D(15−12) are decoded as one of the 16 commands (12 only for the TLV1504). The configure write
commands require an additional 12 bits of data.
When FS is not used (FS =1), the first MSB (D15) is expected after the falling edge of CS and is
latched in on the rising edges of SCLK (after CS
↓).
When FS is used (typical with an active FS from a DSP) the first MSB (D15) is expected after the
falling edge of FS and is latched in on the falling edges of SCLK.
SDI is disabled within a setup time after the 4-bit counter counts to 16 (clock edges) or a low-to-high
transition of CS whichever happens first.


Similar Part No. - TLV1508IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1508IDW TI-TLV1508IDW Datasheet
638Kb / 42P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com