Electronic Components Datasheet Search |
|
TLV1543CDW Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TLV1543CDW Datasheet(HTML) 8 Page - Texas Instruments |
8 / 30 page TLV1543C, TLV1543I, TLV1543M 3.3V 10BIT ANALOGTODIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004 8 WWW.TI.COM recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC TLV1543C/TLV1543I 3 3.3 5.5 V Supply voltage, VCC TLV1543M 3 3.3 3.6 V Positive reference voltage, Vref + (see Note 2) VCC V Negative reference voltage, Vref − (see Note 2) 0 V Differential reference voltage, Vref + − Vref − (see Note 2) 2.5 VCC VCC + 0.2 V Analog input voltage (see Note 2) 0 VCC V High-level control input voltage, VIH TLV1543C/TLV1543I VCC = 3 V to 5.5 V 2 V High-level control input voltage, VIH TLV1543M VCC = 3 V to 3.6 V 2 V Low-level control input voltage, VIL TLV1543C/TLV1543I VCC = 3 V to 5.5 V 0.6 V Low-level control input voltage, VIL TLV1543M VCC = 3 V to 3.6 V 0.8 V Setup time, address bits at data input before I/O CLOCK ↑, tsu(A) (see Figure 4) 100 ns Hold time, address bits after I/O CLOCK ↑, th(A) (see Figure 4) 0 ns Hold time, CS low after last I/O CLOCK ↓, th(CS) 0 ns Setup time, CS low before clocking in first address bit, tsu(CS) (see Note 3) 1.425 µs Clock frequency at I/O CLOCK (see Note 4) TLV1543C/TLV1543I 0 1.1 MHz Clock frequency at I/O CLOCK (see Note 4) TLV1543M 0 2.1 MHz Pulse duration, I/O CLOCK high, tw(H_I/O) 190 ns Pulse duration, I/O CLOCK low, tw(L_I/O) 190 ns Transition time, I/O CLOCK, tt(I/O) (see Note 5) 1 µs Transition time, ADDRESS and CS, tt(CS) 10 µs TLV1543C 0 70 °C Operating free-air temperature, TA TLV1543I −40 85 °C Operating free-air temperature, TA TLV1543M −55 125 °C NOTES: 2. Analog input voltages greater than that applied to REF+ convert as all ones (1111111111), while input voltages less than that applied to REF− convert as all zeros (0000000000). 3. To minimize errors caused by noise at CS, the internal circuitry waits for a setup time plus two falling edges of the internal system clock after CS ↓ before responding to control input signals. No attempt should be made to clock in an address until the minimum CS setup time has elapsed. 4. For 11- to 16-bit transfers, after the tenth I/O CLOCK falling edge ( ≤ 2 V), at least one I/O clock rising edge (≥ 2 V) must occur within 9.5 µs. 5. This is the time required for the clock input signal to fall from VIHmin to VILmax or to rise from VILmax to VIHmin. In the vicinity of normal room temperature, the devices function with input clock transition time as slow as 1 µs for remote data-acquisition applications where the sensor and the A/D converter are placed several feet away from the controlling microprocessor. |
Similar Part No. - TLV1543CDW |
|
Similar Description - TLV1543CDW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |