Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1543IDBG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV1543IDBG4
Description  3.3-V Supply Operation 10-Bit-Resolution A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1543IDBG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1543IDBG4 Datasheet HTML 5Page - Texas Instruments TLV1543IDBG4 Datasheet HTML 6Page - Texas Instruments TLV1543IDBG4 Datasheet HTML 7Page - Texas Instruments TLV1543IDBG4 Datasheet HTML 8Page - Texas Instruments TLV1543IDBG4 Datasheet HTML 9Page - Texas Instruments TLV1543IDBG4 Datasheet HTML 10Page - Texas Instruments TLV1543IDBG4 Datasheet HTML 11Page - Texas Instruments TLV1543IDBG4 Datasheet HTML 12Page - Texas Instruments TLV1543IDBG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
9
WWW.TI.COM
electrical characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 3 V to 5.5 V, I/O CLOCK frequency = 1.1 MHz for the TLV1543C, and TLV1543I
VCC = Vref+ = 3 V to 3.6 V, I/O CLOCK frequency = 2.1 MHz for the TLV1543M (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
TLV1543C/TLV1543I
VCC = 3 V,
IOH = − 1.6 mA
2.4
V
VOH High-level output voltage
TLV1543C/TLV1543I
VCC = 3 V to 5.5 V, IOH = 20 µA
VCC −0.1
V
VOH High-level output voltage
TLV1543M
VCC = 3 V,
IOH = − 1.6 mA
2.4
V
TLV1543M
VCC = 3 V to 3.6 V, IOH = 20 µA
VCC −0.1
V
TLV1543C/TLV1543I
VCC = 3 V,
IOL = 1.6 mA
0.4
V
VOL Low-level output voltage
TLV1543C/TLV1543I
VCC = 3 V to 5.5 V, IOL = 20 µA
0.1
V
VOL Low-level output voltage
TLV1543M
VCC = 3 V,
IOL = 1.6 mA
0.4
V
TLV1543M
VCC = 3 V to 3.6 V, IOL = 20 µA
0.1
V
IOZ
Off-state (high-impedance-state) output current
VO = VCC,
CS at VCC
10
A
IOZ
Off-state (high-impedance-state) output current
VO = 0,
CS at VCC
−10
µA
IIH
High-level input current
VI = VCC
0.005
2.5
µA
IIL
Low-level input current
VI = 0
− 0.005
− 2.5
µA
ICC
Operating supply current
CS at 0 V
0.8
2.5
mA
Selected channel leakage current
Selected channel at VCC,
Unselected channel at 0 V
1
A
Selected channel leakage current
Selected channel at 0 V,
Unselected channel at VCC
−1
µA
Maximum static analog reference current into REF +
Vref + = VCC,
Vref − = GND
10
µA
Input capacitance, Analog
TLV1543C/TLV1543I
7
60
pF
Ci
Input capacitance, Analog
inputs
TLV1543M
7
60
pF
Ci
Input capacitance, Control
TLV1543C/TLV1543I
5
60
pF
Input capacitance, Control
inputs
TLV1543M
5
60
pF
† All typical values are at VCC = 5 V, TA = 25°C.


Similar Part No. - TLV1543IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1543IDB TI-TLV1543IDB Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543IDBLE TI-TLV1543IDBLE Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543IDBR TI-TLV1543IDBR Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLV1543IDBG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9481 AD-AD9481_17 Datasheet
724Kb / 29P
   3.3 V A/D Converter
AD9481 AD-AD9481 Datasheet
931Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9480 AD-AD9480 Datasheet
1Mb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9480 AD-AD9480_15 Datasheet
851Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. A
logo
Fujitsu Component Limit...
MB88111 FUJITSU-MB88111 Datasheet
169Kb / 26P
   A/D Converter (With 24-Channel Input at 10-bit Resolution)
logo
Analog Devices
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com