Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1578IDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1578IDA
Description  2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1578IDA Datasheet(HTML) 1 Page - Texas Instruments

  TLV1578IDA Datasheet HTML 1Page - Texas Instruments TLV1578IDA Datasheet HTML 2Page - Texas Instruments TLV1578IDA Datasheet HTML 3Page - Texas Instruments TLV1578IDA Datasheet HTML 4Page - Texas Instruments TLV1578IDA Datasheet HTML 5Page - Texas Instruments TLV1578IDA Datasheet HTML 6Page - Texas Instruments TLV1578IDA Datasheet HTML 7Page - Texas Instruments TLV1578IDA Datasheet HTML 8Page - Texas Instruments TLV1578IDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TLV1571, TLV1578
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTERS
SLAS170D –MARCH 1999 – REVISED JULY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Fast Throughput Rate: 1.25 MSPS at 5 V,
625 KSPS at 3 V
D Wide Analog Input: 0 V to AVDD
D Differential Nonlinearity Error: < ± 1 LSB
D Integral Nonlinearity Error: < ± 1 LSB
D 8-to-1 Analog MUX – TLV1578
D Internal OSC
D Single 2.7-V to 5.5-V Supply Operation
D Low Power: 12 mW at 3 V and 35 mW at 5 V
D Auto Power Down of 1 mA Max
D Software Power Down: 10 µA Max
D Hardware Configurable
D DSP and Microcontroller Compatible
Parallel Interface
D Binary/Twos Complement Output
D Hardware Controlled Extended Sampling
D Channel Sweep Mode Operation and
Channel Select
D Hardware or Software Start of Conversion
applications
D Mass Storage and HDD
D Automotive
D Digital Servos
D Process Control
D General-Purpose DSP
D Image Sensor Processing
description
The TLV1571/1578 is a 10-bit data acquisition system that combines an 8-channel input multiplexer (MUX), a
high-speed 10-bit ADC, and a parallel interface. The device contains two on-chip control registers allowing
control of channel selection, software conversion start, and power down via the bidirectional parallel port. The
control registers can be set to a default mode by applying a dummy RD signal when WR is tied low. This allows
the TLV1571/1578 to be configured by hardware. The MUX is independently accessible. This allows the user to
insert a signal conditioning circuit such as an antialiasing filter or an amplifier, if required, between the MUX and
the ADC. Therefore, one signal conditioning circuit can be used for all eight channels. The TLV1571 is a single
channel analog input device with all the same functions as the TLV1578.
The TLV1571/ TLV1578 operates from a single 2.7-V to 5.5-V power supply. It accepts an analog input range
from 0 V to AVDD and digitizes the input at a maximum 1.25 MSPS throughput rate at 5 V. The power dissipations
are only 12 mW with a 3-V supply or 35 mW with a 5-V supply. The device features an auto power-down mode
that automatically powers down to 1 mA 50 ns after conversion is performed. In software power-down mode, the
ADC is further powered down to only 10
µA.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
CH0
CH1
CH2
CH3
CS
WR
RD
CLK
DGND
DVDD
INT/EOC
D0
D1
D2
D3
D4
CH7
CH6
CH5
CH4
MO
AIN
AVDD
AGND
REFM
REFP
CSTART
D9/A1
D8/A0
D7
D6
D5
TLV1578
DA PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CS
WR
RD
CLK
DGND
DVDD
INT/EOC
D0
D1
D2
D3
D4
NC
AIN
AVDD
AGND
REFM
REFP
CSTART
D9/A1
D8/A0
D7
D6
D5
TLV1571
DW OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TLV1578IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1578IDA TI-TLV1578IDA Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578IDA TI-TLV1578IDA Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1578IDAG4 TI-TLV1578IDAG4 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLV1578IDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI-TLV1571_00 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
[Old version datasheet]   2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com