Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1570IPWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1570IPWRG4
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1570IPWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV1570IPWRG4 Datasheet HTML 3Page - Texas Instruments TLV1570IPWRG4 Datasheet HTML 4Page - Texas Instruments TLV1570IPWRG4 Datasheet HTML 5Page - Texas Instruments TLV1570IPWRG4 Datasheet HTML 6Page - Texas Instruments TLV1570IPWRG4 Datasheet HTML 7Page - Texas Instruments TLV1570IPWRG4 Datasheet HTML 8Page - Texas Instruments TLV1570IPWRG4 Datasheet HTML 9Page - Texas Instruments TLV1570IPWRG4 Datasheet HTML 10Page - Texas Instruments TLV1570IPWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
initialization-software sequence (continued)
Example 3. Auto-Scan Mode
This example shows a change in sequence in the middle of the current sequence. The following shows that after
the initial autoscan reset, a reset is not necessary again when switching channel sequences.
CYCLE
WRITE TO
SDIN
CHANNEL
SAMPLED
OUTPUT FROM
SDOUT
COMMENT
1st
0480h
N/A
N/A
No analog input channel sampled
2nd
0480h
N/A
N/A
Autoscan reset enabled, no analog input channel sampled
3rd
0400h
0
From Channel 0
Start of sequence 0
4th
0700h
1
From Channel 1
Enable channel sequence 3 (no auto-scan reset required)
5th
0700h
7
From Channel 7
Start of sequence 3
6th
0700h
6
From Channel 6
7th
0700h
5
From Channel 5
8th
0700h
4
From Channel 4
9th
0700h
3
From Channel 3
10th
0700h
2
From Channel 2
11th
0700h
1
From Channel 1
12th
0700h
0
From Channel 0
Example 4. Auto-Scan Mode
This example shows a switch in sequence in the course of a sequence. The following shows that a particular
sequence does not have to be continued if remaining channels do not need to be sampled (i.e., only channel
1 through channel 5 sampled, not channels 6, 7, 8)
CYCLE
WRITE TO
SDIN
CHANNEL
SAMPLED
OUTPUT FROM
SDOUT
COMMENT
1st
0480h
N/A
N/A
No analog input channel sampled
2nd
0480h
N/A
N/A
Autoscan reset enabled, no analog input channel sampled
3rd
0400h
0
From Channel 0
4th
0400h
1
From Channel 1
5th
0400h
2
From Channel 2
6th
0400h
3
From Channel 3
7th
0400h
4
From Channel 4
8th
0480h
5
From Channel 5
Autoscan reset enabled
9th
0400h
0
From Channel 0
Sequence is reset to channel 0
10th
0400h
1
From Channel 1
11th
0400h
2
From Channel 2
The TLV1570 is a 800-ns 10-bit 8-analog input channel analog-to-digital converter with a throughput of up to
1.25 MSPS at 5 V and up to 625 KSPS at 3 V respectively. To run at its fastest conversion rate, it must be clocked
at 20 MHz at 5-V or 10 MHz at 3-V. The TLV1570 can be easily interfaced to microcontrollers, ASICs, DSPs,
or shift registers. The TLV1570 serial interface is designed to be fully compatible with serial peripheral interface
(SPI) and TMS320 DSP serial ports. No additional hardware is required to interface between the TLV1570 and
a microcontroller (
µCs) with a SPI serial port or a TMS320 DSP. However, the speed is limited by the SCLK rate
of the
µC or the DSP.


Similar Part No. - TLV1570IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1570IPW TI-TLV1570IPW Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLV1570IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1572 TI1-TLV1572_14 Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572 TI-TLV1572 Datasheet
192Kb / 13P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
logo
Texas Instruments
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com