Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2130J5050AHF Datasheet(PDF) 1 Page - Anaren Microwave

Part # BD2130J5050AHF
Description  Ultra Low Profile 0805 Balun 50 to 50! Balanced
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2130J5050AHF Datasheet(HTML) 1 Page - Anaren Microwave

  BD2130J5050AHF Datasheet HTML 1Page - Anaren Microwave BD2130J5050AHF Datasheet HTML 2Page - Anaren Microwave BD2130J5050AHF Datasheet HTML 3Page - Anaren Microwave BD2130J5050AHF Datasheet HTML 4Page - Anaren Microwave BD2130J5050AHF Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model BD2130J5050AHF
Rev A
Ultra Low Profile 0805 Balun
50
to 50
Balanced
Description
The BD2130J5050AHF is a low profile sub-miniature balanced to unbalanced
transformer designed for differential inputs and output locations on next generation
wireless chipsets in an easy to use surface mount package covering 802.11b+g+n.
The BD2130J5050AHF is ideal for high volume manufacturing and is higher
performance
than
traditional
ceramic
and
lumped
element
baluns.
The
BD2130J5050AHF has an unbalanced port impedance of 50Ω and a 50Ω balanced
port impedance. This transformation enables single ended signals to be applied to
differential ports on modern semiconductors. The output ports have equal amplitude
(-3dB) with 180 degree phase differential. The BD2130J5050AHF is available on
tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications*: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Min.
Typ.
Max
Unit
Frequency
2.4
2.5
2.1
3.0
GHz
Unbalanced Port Imp.
50
50
Balanced Port Imp.**
50
50
Return Loss
12
17
10
12
dB
Insertion Loss***
0.75
0.9
1.0
1.2
dB
Amplitude Balance
0.45
0.65
0.7
1.0
dB
Phase Balance
2
5
2
5
Degrees
Power Handling
2
2
Watts
Features:
• 2.1 – 3.0 GHz
• 0.7mm Height Profile
• 50 Ohm to 2 x 25 Ohm
• 802.11 b & g +n Compliant
• Low Insertion Loss
• DCS, PCS & UMTS
• Input to Output DC Isolation
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
• Halogen Free
Operating Temperature
-55
+85
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
-Dimensions are in Millimeters
2.04±0.10
1.29±0.10
0.68±0.07
1
2
3
6
5
6x
0.30
6x
0.22
4x 0.65
6x 0.98
Orientation Marker
Denotes Pin Location
4
Orientation Marker
Denotes Pin Location
TOP VIEW (Near Side)
SIDE VIEW
BOTTOM VIEW (Far Side)
2x 0.15
4x 0.37
5
4
2
1
6
3
Pin
Out 1
GND
NC
Out 2
GND/DC Feed
In
Designation
+RF GND


Similar Part No. - BD2130J5050AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD2130J5050A00 ANAREN-BD2130J5050A00 Datasheet
297Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
More results

Similar Description - BD2130J5050AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
B0322J5050AHF ANAREN-B0322J5050AHF_14 Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
B0322J5050AHF ANAREN-B0322J5050AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
BD0826J50200AHF ANAREN-BD0826J50200AHF Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Balun 50 to 200 Balanced
BD1631J50100AHF ANAREN-BD1631J50100AHF Datasheet
320Kb / 6P
   Ultra Low Profile 0805 Balun 50! to 100! Balanced
B0430J50100AHF ANAREN-B0430J50100AHF Datasheet
159Kb / 4P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
B0310J50100AHF ANAREN-B0310J50100AHF Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
BD0810J50100AHF ANAREN-BD0810J50100AHF Datasheet
195Kb / 6P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
BD0810J50200AHF ANAREN-BD0810J50200AHF Datasheet
313Kb / 6P
   Ultra Low Profile 0805 Balun 50 to 200 Balanced
BD1722J50100A00 ANAREN-BD1722J50100A00 Datasheet
315Kb / 6P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
B0430J50100AHF ANAREN-B0430J50100AHF_14 Datasheet
319Kb / 5P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com