Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDE0900G Datasheet(PDF) 1 Page - Rohm

Part # BDE0900G
Description  Thermostat Output Temperature ICs with Variable Detection Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDE0900G Datasheet(HTML) 1 Page - Rohm

  BDE0900G Datasheet HTML 1Page - Rohm BDE0900G Datasheet HTML 2Page - Rohm BDE0900G Datasheet HTML 3Page - Rohm BDE0900G Datasheet HTML 4Page - Rohm BDE0900G Datasheet HTML 5Page - Rohm BDE0900G Datasheet HTML 6Page - Rohm BDE0900G Datasheet HTML 7Page - Rohm BDE0900G Datasheet HTML 8Page - Rohm BDE0900G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/8
www.rohm.com
2011.07 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Compact High Accuracy Temperature Sensor ICs
Thermostat Output Temperature ICs
with Variable Detection Temperature
BDE□□□0G Series
Description
Low quiescent current (16µA), high accuracy thermostat (temperature switch) ICs. Built in temperature sensor, reference
voltage regulator, D/A converter, and comparator. Detecting temperature by itself, OS terminal state is changed at logically.
Open Drain Output (Active L ) is available in BDE□□□0G series.
Features
1) Detection Temperature Range +55~+115℃ by 6 products.
2) ±5℃ Step Selectable Detection Temperature with CTRL.
3) Hysteresis Temperature (typically 10℃)
4) High Accuracy Analog Output (typically ±3.5℃@Ta=30℃)
5) Analog Output Temperature Sensitivity (typically -10.8mV/℃)
6) Low Supply Current (typically 16µA)
7) Small Package (typically 2.90mm×2.80mm×1.25mm)
8) ESD Rating 8kV (HBM)
9) Excellent Ripple Rejection Characteristic
Applications
Thermal Protection for Electrical Equipment (Notebook PC, Cell phone, FPD-TV, etc.) FAN Control for Thermal Management
Products Line up
BDE
□□□
0
G
Detection Temperature
Output Format
Package
(Center Temperature)
(Open Drain, Active Low)
(SSOP5)
110:110℃
100:100℃
090: 90℃
080: 80℃
070: 70℃
060: 60℃
Temperature / Output Format Table
CTRL status description ( L : Low, O : Open, H : High )
Product
Name
Detection Temperature (℃)
OS Output Format
CTRL
L
H
O
BDE1100G
105
110
115
Open Drain
Active L
eB
BDE1000G
95
100
105
Open Drain
Active L
eC
BDE0900G
85
90
95
Open Drain
Active L
eD
BDE0800G
75
80
85
Open Drain
Active L
eE
BDE0700G
65
70
75
Open Drain
Active L
eF
BDE0600G
55
60
65
Open Drain
Active L
eG
No.11047JCT03


Similar Part No. - BDE0900G

ManufacturerPart #DatasheetDescription
logo
Rohm
BDE0900G ROHM-BDE0900G Datasheet
265Kb / 9P
   Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
BDE0900G ROHM-BDE0900G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0900G ROHM-BDE0900G Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
More results

Similar Description - BDE0900G

ManufacturerPart #DatasheetDescription
logo
Rohm
BDE0600G ROHM-BDE0600G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE1000G-TR ROHM-BDE1000G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
BDJXXX0HFV ROHM-BDJXXX0HFV Datasheet
279Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function
BDJXXX1HFV ROHM-BDJXXX1HFV Datasheet
272Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function BDJ 1HFV Series
logo
List of Unclassifed Man...
H101 ETC2-H101 Datasheet
55Kb / 1P
   High Temperature Thermostat
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com