Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HOA6299-002 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # HOA6299-002
Description  Infrared Assemblies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HOA6299-002 Datasheet(HTML) 2 Page - Honeywell Accelerometers

  HOA6299-002 Datasheet HTML 1Page - Honeywell Accelerometers HOA6299-002 Datasheet HTML 2Page - Honeywell Accelerometers HOA6299-002 Datasheet HTML 3Page - Honeywell Accelerometers HOA6299-002 Datasheet HTML 4Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Infrared Assemblies
Through Beam Modules
HOA6299 Series
2 Honeywell
• MICRO SWITCH Sensing and Control
For application help: call 1-800-537-6945
ABSOLUTE MAXIMUM RATINGS (25 °C free-air temperature
unless otherwise noted)
Operating Voltage
Emitter
Detector
2 to 7 V
5 to 12 V
Operating Temperature
0 °C to 50 °C (32 °F to 122 °F)
Storage Temperature
-20 °C to 85 °C (-4 °F to 185 °F)
CAUTION
STRESS DAMAGE
Functional operation of the device at
or above “Absolute Maximum
Ratings” for extended periods of time
may affect reliability.
Failure to comply with these
instructions may result in product
damage.
ELECTRICAL CHARACTERISTICS (25 °C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Operating Supply Voltage
VCC
4.5
12
V
TA=25 °C
Low Level Output Voltage
VOL
0.4
V
VCC=5 V, IOH=10 mA
Light path blocked (Note 1)
High Level Output Voltage
VOH
4.5
V
VCC=5 V, IOH=0 mA
Light path not blocked
(Note 1)
Output Sink Current
IOL
10
mA
VCC=5 V, VOL=0.4 V
Response Time
tON
5
µs
VCC=5 V
Note:
1.
Emitter and detector modules are tested to ensure operation at minimum separation of 63,5 mm (2.5 in) when
properly aligned.
SCHEMATIC


Similar Part No. - HOA6299-002

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA6480 HONEYWELL-HOA6480 Datasheet
200Kb / 4P
   HOA6480 Series Barcode Sensor
HOA6480-001 HONEYWELL-HOA6480-001 Datasheet
200Kb / 4P
   HOA6480 Series Barcode Sensor
HOA6480-002 HONEYWELL-HOA6480-002 Datasheet
200Kb / 4P
   HOA6480 Series Barcode Sensor
logo
Honeywell Accelerometer...
HOA696 HONEYWELL-ACC-HOA696 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA6960-N51 HONEYWELL-ACC-HOA6960-N51 Datasheet
931Kb / 6P
   Transmissive Optoschmitt Sensor
More results

Similar Description - HOA6299-002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
   Probe assemblies
logo
Microsemi Corporation
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
   RECTIFIERS ASSEMBLIES
678 MICROSEMI-678 Datasheet
118Kb / 3P
   RECTIFIERS ASSEMBLIES
logo
TDK Electronics
B57514K0493A001 TDK-B57514K0493A001 Datasheet
235Kb / 9P
   Probe assemblies
logo
Microsemi Corporation
679 MICROSEMI-679 Datasheet
129Kb / 3P
   RECTIFIERS ASSEMBLIES
673 MICROSEMI-673 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES
logo
ORION FANS
GRM92-30 ORIONFANS-GRM92-30 Datasheet
317Kb / 1P
   Filter Assemblies
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Glenair, Inc.
220-07H10 GLENAIR-220-07H10 Datasheet
424Kb / 1P
   Receptacle Assemblies
logo
Dynex Semiconductor
AN4505 DYNEX-AN4505 Datasheet
116Kb / 5P
   Power Assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com