Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB290 Datasheet(PDF) 3 Page - Marktech Corporate

Part # MB290
Description  Generation II LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MB290 Datasheet(HTML) 3 Page - Marktech Corporate

  MB290 Datasheet HTML 1Page - Marktech Corporate MB290 Datasheet HTML 2Page - Marktech Corporate MB290 Datasheet HTML 3Page - Marktech Corporate MB290 Datasheet HTML 4Page - Marktech Corporate MB290 Datasheet HTML 5Page - Marktech Corporate MB290 Datasheet HTML 6Page - Marktech Corporate MB290 Datasheet HTML 7Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and MegaBright are registered trademarks, and MegaBright Max, MB Max and MB are trademarks of Cree,
Inc.
3
CPR3CK Rev. C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxMB290-Sxx00
LED chips are sorted to the radiant flux and dominant wavelength bins shown. Sorted die sheets contain die from
only one bin. Sorted die kit (CxxxMB290-Sxx00) orders may be filled with any or all bins (CxxxMB290-02xx) contained
in the kit.
MB-6
C460MB290-S600
C460MB290-0221
C460MB290-0222
C460MB290-0223
C460MB290-0224
C460MB290-0217
C460MB290-0218
C460MB290-0219
C460MB290-0220
455 nm
457.5 nm
460 nm
462.5 nm
465 nm
18.0 mW
16.0 mW
Dominant Wavelength
MB-4
C460MB290-S400
C460MB290-0221
C460MB290-0222
C460MB290-0223
C460MB290-0224
C460MB290-0217
C460MB290-0218
C460MB290-0219
C460MB290-0220
C460MB290-0213
C460MB290-0214
C460MB290-0215
C460MB290-0216
455 nm
457.5 nm
460 nm
462.5 nm
465 nm
18.0 mW
16.0 mW
14.0 mW
Dominant Wavelength
MB-2
C460MB290-S200
C460MB290-0221
C460MB290-0222
C460MB290-0223
C460MB290-0224
C460MB290-0217
C460MB290-0218
C460MB290-0219
C460MB290-0220
C460MB290-0213
C460MB290-0214
C460MB290-0215
C460MB290-0216
C460MB290-0209
C460MB290-0210
C460MB290-0211
C460MB290-0212
455 nm
457.5 nm
460 nm
462.5 nm
465 nm
18.0 mW
16.0 mW
14.0 mW
12.0 mW
Dominant Wavelength


Similar Part No. - MB290

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MB290 MARKTECH-MB290_15 Datasheet
279Kb / 7P
   Generation II LEDs
More results

Similar Description - MB290

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MB290 MARKTECH-MB290_15 Datasheet
279Kb / 7P
   Generation II LEDs
CB290 MARKTECH-CB290_15 Datasheet
356Kb / 4P
   Generation II LEDs
CB230 MARKTECH-CB230 Datasheet
347Kb / 4P
   Generation II LEDs
CB290 MARKTECH-CB290 Datasheet
356Kb / 4P
   Generation II LEDs
CB230 MARKTECH-CB230_15 Datasheet
347Kb / 4P
   Generation II LEDs
C430CB290-S2100 MARKTECH-C430CB290-S2100 Datasheet
356Kb / 4P
   SuperBlue Generation II LEDs
logo
Cree, Inc
CXXXMB290-SXX00 CREE-CXXXMB290-SXX00 Datasheet
250Kb / 7P
   MegaBright짰 Generation II LEDs
C430CB290-S2100 CREE-C430CB290-S2100_16 Datasheet
280Kb / 4P
   SuperBlue Generation II LEDs
logo
Marktech Corporate
C430CB230-S2100 MARKTECH-C430CB230-S2100 Datasheet
347Kb / 4P
   SuperBlue Generation II LEDs
C460MB290-0221 MARKTECH-C460MB290-0221 Datasheet
279Kb / 7P
   MegaBright Generation II LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com