Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG78XXAIG883B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG78XXAIG883B
Description  Positive Fixed Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG78XXAIG883B Datasheet(HTML) 2 Page - Microsemi Corporation

  SG78XXAIG883B Datasheet HTML 1Page - Microsemi Corporation SG78XXAIG883B Datasheet HTML 2Page - Microsemi Corporation SG78XXAIG883B Datasheet HTML 3Page - Microsemi Corporation SG78XXAIG883B Datasheet HTML 4Page - Microsemi Corporation SG78XXAIG883B Datasheet HTML 5Page - Microsemi Corporation SG78XXAIG883B Datasheet HTML 6Page - Microsemi Corporation SG78XXAIG883B Datasheet HTML 7Page - Microsemi Corporation SG78XXAIG883B Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SG78xxA/78xx
PRODUCT DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 1997
Rev. 1.5, 2010-07-13
TM
®
Positive Fixed Voltage Regulator
ABSOLUTE MAXIMUM RATINGS
Device Output Voltage
Input Voltage
Input Voltage
(Transient)(Note 3)
Input Voltage Differential
(Output Shorted to Ground)
5V
35V
50V
35V
12V
35V
50V
35V
15V
35V
50V
35V
Operating Junction Temperature .........................................................................................................................................................150°C
Storage Temperature Range ................................................................................................................................................. -65
°C to 150°C
Lead Temperature (Soldering 10 seconds) ..........................................................................................................................................300
°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of
specified terminal
.
Note 3: Operation at high input voltages is dependent upon load current. When load current is less than 5mA, output will rise out of regulation as input-
output differential increases beyond 30V. Note also from figure 1, that maximum load current is reduced at high voltages. The 50V input rating of the
SG78xxA series refers to ability to withstand high line or transient conditions without damage. Since the regulator’s maximum current capability is
reduced, the output may fall out of regulation at high input voltages under nominal loading.
THERMAL DATA
K
TO-3 3-Terminal Metal Can (Two pins and case)
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
3.0
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
35
°C/W
T
TO-39 3-Pin Metal Can
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
15
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
120
°C/W
G
TO-257 3-Pin Hermetic
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
3.5
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
42
°C/W
IG
TO-257 3-Pin Hermetic (Isolated)
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
4.0
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
42
°C/W
L
Leadless Chip Carrier 20-Pin Ceramic
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
35
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
120
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow.


Similar Part No. - SG78XXAIG883B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG78XXAIG MICRO-ELECTRONICS-SG78XXAIG Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG78XXAIG ETC1-SG78XXAIG Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG78XXAIG MICROSEMI-SG78XXAIG Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78xxAIG MICROSEMI-SG78xxAIG Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG78XXAIG MICROSEMI-SG78XXAIG Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG78XXAIG883B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com