Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0848 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADC0848
Description  ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0848 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC0848 Datasheet HTML 7Page - Texas Instruments ADC0848 Datasheet HTML 8Page - Texas Instruments ADC0848 Datasheet HTML 9Page - Texas Instruments ADC0848 Datasheet HTML 10Page - Texas Instruments ADC0848 Datasheet HTML 11Page - Texas Instruments ADC0848 Datasheet HTML 12Page - Texas Instruments ADC0848 Datasheet HTML 13Page - Texas Instruments ADC0848 Datasheet HTML 14Page - Texas Instruments ADC0848 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADC0844, ADC0848
www.ti.com
SNAS523D – JUNE 1999 – REVISED MARCH 2013
THE ANALOG INPUTS
Analog Differential Voltage Inputs and Common-Mode Rejection
The differential input of these converters actually reduces the effects of common-mode input noise, a signal
common to both selected “+” and “
−” inputs for a conversion (60 Hz is most typical). The time interval between
sampling the “+” input and then the “
−” inputs is ½ of a clock period. The change in the common-mode voltage
during this short time interval can cause conversion errors. For a sinusoidal common-mode signal this error is:
where
fCM is the frequency of the common-mode signal
Vpeak is its peak voltage value
tC is the conversion time
For a 60 Hz common-mode signal to generate a ¼ LSB error (
≈5 mV) with the converter running at 40 μS, its
peak value would have to be 5.43V. This large a common-mode signal is much greater than that generally found
in a well designed data acquisition system.
Table 2. ADC0848 MUX Addressing(1)
MUX Address
Channel
CS
WR
RD
MUX Mode
MA4
MA3
MA2
MA1
MA0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
AGND
X
L
L
L
L
L
H
+
X
L
L
L
H
L
H
+
X
L
L
H
L
L
H
+
X
L
L
H
H
L
NP
H
+
Differential
X
L
H
L
L
L
H
+
X
L
H
L
H
L
H
+
X
L
H
H
L
L
H
+
X
L
H
H
H
L
H
+
L
H
L
L
L
L
H
+
L
H
L
L
H
L
H
+
L
H
L
H
L
L
H
+
L
H
L
H
H
L
NP
H
+
Single-Ended
L
H
H
L
L
L
H
+
L
H
H
L
H
L
H
+
L
H
H
H
L
L
H
+
L
H
H
H
H
L
H
+
H
H
L
L
L
L
H
+
H
H
L
L
H
L
H
+
H
H
L
H
L
L
H
+
Pseudo-
H
H
L
H
H
L
NP
H
+
Differential
H
H
H
L
L
L
H
+
H
H
H
L
H
L
H
+
H
H
H
H
L
L
H
+
X
X
X
X
X
L
L
Previous Channel Configuration
(1)
X = don't care, NP = negative pulse
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC0844 ADC0848


Similar Part No. - ADC0848

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0848 NSC-ADC0848 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0848 TI1-ADC0848 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0848BCN NSC-ADC0848BCN Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
ADC0848BCV NSC-ADC0848BCV Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0848BCV TI1-ADC0848BCV Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
More results

Similar Description - ADC0848

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
logo
Micro Linear Corporatio...
ML2258 MICRO-LINEAR-ML2258 Datasheet
169Kb / 12P
   關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
[Old version datasheet]   8-Bit Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com