Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7887SDCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7887SDCKR
Description  10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7887SDCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7887SDCKR Datasheet HTML 2Page - Texas Instruments ADS7887SDCKR Datasheet HTML 3Page - Texas Instruments ADS7887SDCKR Datasheet HTML 4Page - Texas Instruments ADS7887SDCKR Datasheet HTML 5Page - Texas Instruments ADS7887SDCKR Datasheet HTML 6Page - Texas Instruments ADS7887SDCKR Datasheet HTML 7Page - Texas Instruments ADS7887SDCKR Datasheet HTML 8Page - Texas Instruments ADS7887SDCKR Datasheet HTML 9Page - Texas Instruments ADS7887SDCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
ADS7888 SPECIFICATIONS
ADS7887
ADS7888
SLAS468 – JUNE 2005
+V
DD = 2.35 V to 5.25 V, TA = –40°C to 125°C, fsample = 1.25 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage span(1)
0
VDD
V
Absolute input voltage range
+IN
–0.20
VDD+0.20
V
Ci
Input capacitance(2)
21
pF
IIlkg
Input leakage current
TA = 125°C
40
nA
SYSTEM PERFORMANCE
Resolution
8
Bits
No missing codes
8
Bits
INL
Integral nonlinearity
–0.3
±0.15
0.3
LSB(3)
DNL
Differential nonlinearity
–0.3
±0.1
0.3
LSB
EO
Offset error(4)(5)(6)
–0.5
±0.15
0.5
LSB
EG
Gain error(5)
–0.5
±0.15
0.5
LSB
SAMPLING DYNAMICS
Conversion time
25-MHz SCLK
450
480
ns
Acquisition time
1.5 MSPS mode, Figure 3
206
ns
Maximum throughput rate
25-MHz SCLK
1.25
MHz
Aperture delay
5
ns
Step Response
160
ns
Overvoltage recovery
160
ns
DYNAMIC CHARACTERISTICS
THD
Total harmonic distortion(7)
100 kHz
–67.5
–65
dB
SINAD
Signal-to-noise and distortion
100 kHz
49
49.5
dB
SFDR
Spurious free dynamic range
100 kHz
65
77
dB
Full power bandwidth
At –3 dB
15
MHz
DIGITAL INPUT/OUTPUT
Logic family — CMOS
VIH
High-level input voltage
VDD = 2.35 V to 5.25 V
VDD–0.4
5.25
V
VDD = 5 V
0.8
VIL
Low-level input voltage
V
VDD = 3 V
0.4
VOH
High-level output voltage
At Isource = 200 µA
VDD–0.2
V
VOL
Low-level output voltage
At Isink = 200 µA
0.4
POWER SUPPLY REQUIREMENTS
+VDD
Supply voltage
2.35
3.3
5.25
V
At VDD = 2.35 V to 5.25 V, 1.25-MHz
2
throughput
Supply current (normal mode)
mA
At VDD = 2.35 V to 5.25 V, static state
1.5
SCLK off
1
Power down state supply current
µA
SCLK on (25 MHz)
200
VDD = 5 V
8
10
Power dissipation at 1.25 MHz
mW
throughput
VDD = 3 V
3.8
6
(1)
Ideal input span; does not include gain or offset error.
(2)
Refer Figure 36 for details on sampling circuit
(3)
LSB means least significant bit
(4)
Measured relative to an ideal full-scale input
(5)
Offset error and gain error ensured by characterization.
(6)
First transition of 000H to 001H at (Vref/28)
(7)
Calculated on the first nine harmonics of the input frequency
6


Similar Part No. - ADS7887SDCKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7887SDCKR BURR-BROWN-ADS7887SDCKR Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS7887SDCKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com