Electronic Components Datasheet Search |
|
SKY65132 Datasheet(PDF) 7 Page - Skyworks Solutions Inc. |
|
SKY65132 Datasheet(HTML) 7 Page - Skyworks Solutions Inc. |
7 / 17 page WWW.SKYWORKSINC.COM 7 POwEr MAnAgEMEnT Battery Chargers Table 4. linear Chargers Part Number Function Max. Charge Current (mA) V IN (V) Package (mm) AAT3663 Linear Li-Ion Battery Charger for Single and Dual Cell Applications 1000 4.0–13.2 TDFN 14L 3 x 3 AAT3681 USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger 300 4.0–6.5 SC70JW 8L 2.0 x 2.1 Table 5. Switching Charger Part Number Function Switching Frequency (kHz) V IN (V) Package (mm) AAT3620 Cell Li+ Switch Mode Battery Charger 1500 4.3–6.0 TDFN 14L 3 x 3 Table 6. Supercapacitor Chargers Part Number Function Fault Flag V IN (V) Package (mm) AAT4712 Supercapacitor Charger with Input Current Limit POK; RDY 2.5–5.5 TDFN34 16L 3 x 4 AAT4621 PC Card Current Limit Interface and Capacitor Charger Yes 3.0–3.5 TDFN 14L 3 x 3 Table 3. low noise Amplifiers Part Gain NF I CC IP 1 dB Package Frequency Band (MHz) Number Function (dB) (dB) (mA) (dBm) (mm) 450 915 2400 SKY65050-372LF LNA, Discrete (250–6000 MHz) 16 dB @ 900 MHz 0.6 10 -9 SC-70 2.2 x 1.35 • • • SKY65047-360LF LNA with Shutdown Mode 16.5 dB @ 915 MHz 0.85 7.8 -7 QFN 2 x 2 • • • SKY65405-21 LNA with Shutdown Mode 14 1 12 -3 QFN 1.5 x 1.5 • SKY67012-396LF LNA, Discrete (300–600 MHz) 16 0.9 15 -1 DFN 2 x 2 • SKY67013-396LF LNA, Discrete (600–1500 MHz) 14.5 0.85 15 2.5 DFN 2 x 2 • SKY67014-396LF LNA, Discrete (1500–3000 MHz) 12 0.95 5 5 DFN 2 x 2 • SKY67110-396LF LNA, High Linearity 21 0.65 77 2 DFN 2 x 2 • SKY67101-396LF LNA, High Linearity 17.9 0.5 56 2.6 DFN 2 x 2 • SKY67102-396LF LNA, High Linearity 17.2 0.8 50 -1 QFN 2 x 2 • Amplifiers, Power Management AMPlIFIErS (COnTInuEd) |
Similar Part No. - SKY65132 |
|
Similar Description - SKY65132 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |