Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY72301-22 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY72301-22
Description  The Right Products for Your System Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY72301-22 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY72301-22 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY72301-22 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY72301-22 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY72301-22 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY72301-22 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY72301-22 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY72301-22 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY72301-22 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY72301-22 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
WWW.SKYWORKSINC.COM
3
Smart Energy Solutions
The Right Products for Your System Applications
Skyworks is committed to developing leading edge products for designs targeted at < 170, 410–470, 868–930, and 2400–
2500 MHz radios. These solutions are ideal for wireless local area networks (WLAN), automated metering infrastructure (AMI),
automated meter reading (AMR), professional mobile radio (PMR), and other ISM band applications. Figures 1 through 3 show
short range radio, simplified smart communication module, and thermostat block diagrams.
Figure 1. Short Range Radio Block Diagram
Rx
Tx
LNA
Rx
LNA
PA
V
CC
V_Core
Core Power
Tx
PA
ADC
Microprocessor
ADC
IF AGC
Q
I
VCO
Synth
System on Chip
RF Power
SKY65045-70LF
SKY65047-360LF
SKY67013-396LF
B
LNAs
AS179-92LF
AS193-73LF
SKY13270-92LF
SKY13299-321LF
SKY13309-370LF
SKY13318-321LF
SKY13348-374LF
SKY13370-374LF
A
Switches
SMP1302-040LF
SMP1302-079LF
SMP1320-040LF
SMP1320-079LF
SMP1340-040LF
SMP1340-079LF
SMP1345-518
G
PIN Diodes
SKY72300-21
SKY72300-362
SKY72301-22
SKY72310-362
SKY73120
D
Synthesizers/PLLs/VCOs
SMV1142-011LF
SMV1233-011LF
SMV1235-040LF
SMV1235-079LF
SMV1236-004LF
SMV1247-011LF
SMV1247-040LF
SMV1249-040LF
SMV1249-079LF
SMV1251-001LF
SMV1253-079LF
SMV1255-011LF
SMV1405-040LF
SMV1405-079LF
SMV1408-001LF
SMV1413-079LF
SMV1763-040LF
SMV1763-079LF
H
Varactor Diodes
SE2425U-R
SE2433T-R
SKY65006-348LF
SKY65009-70LF
SKY65045-70LF
SKY65111-348LF
SKY65116
SKY65131
SKY65132
SKY65135
SKY65146
SKY65152
SKY65162-70LF
C
Power Drivers/Amplifiers
SMS3926-023LF
SMS3927-023LF
SMS3928-023LF
SMS7621-040LF
SMS7621-060
SMS7621-079LF
SMS7630-040LF
SMS7630-061
SMS7630-079LF
E
Schottky Diodes
SE2431L-R
SE2432L-R
SE2435L-R
SE2436L-R
SE2438T-R
SE2442L-R
SKY66101-11
SKY66108
SKY66109 -11
SKY65313-21
SKY65342-11
SKY65346-21
SKY65364-11
SKY65366-21
SKY65367-11
SKY66100-11
F
Tx/Rx Front-end Modules
AAT2114A
SKY87201
AAT3663
AAT3681
AAT3620
I
I
DC/DC Converters
Step-Down Converters
Battery Chargers
Linear Chargers
Switching Charger
AAT4621
AAT4712
Super Capacitor Chargers
I
A
A
E
C
B
D
C
A
B
F
G
G
G
H
Smart Energy Product Overview


Similar Part No. - SKY72301-22

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY72301-22 SKYWORKS-SKY72301-22 Datasheet
168Kb / 21P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
More results

Similar Description - SKY72301-22

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
   Fair-Rite Products Corp. Your Sinnal Solution
TSX10A-26057 ETC1-TSX10A-26057 Datasheet
54Kb / 1P
   For the CSR Bluetooth products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
Analog Devices
MT-002 AD-MT-002 Datasheet
158Kb / 12P
   What the Nyquist Criterion Means to Your Sampled Data System Design
Rev.A, 10/08, WK
logo
List of Unclassifed Man...
VM3-01 ETC2-VM3-01 Datasheet
99Kb / 2P
   To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com