Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2LN60K3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD2LN60K3
Description  N-channel 600 V, 4typ., 2 A SuperMESH3 Power MOSFET in DPAK, TO-220FP and IPAK packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2LN60K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD2LN60K3 Datasheet HTML 3Page - STMicroelectronics STD2LN60K3 Datasheet HTML 4Page - STMicroelectronics STD2LN60K3 Datasheet HTML 5Page - STMicroelectronics STD2LN60K3 Datasheet HTML 6Page - STMicroelectronics STD2LN60K3 Datasheet HTML 7Page - STMicroelectronics STD2LN60K3 Datasheet HTML 8Page - STMicroelectronics STD2LN60K3 Datasheet HTML 9Page - STMicroelectronics STD2LN60K3 Datasheet HTML 10Page - STMicroelectronics STD2LN60K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STD2LN60K3, STF2LN60K3, STU2LN60K3
Electrical characteristics
Doc ID 023500 Rev 1
7/20
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Static drain-source on-resistance
Figure 10.
Capacitance variations
Figure 11.
Output capacitance stored energy
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized on-resistance vs
temperature
VGS
6
4
2
0
0
5
Qg(nC)
(V)
8
10
10
VDD=480V
ID=2A
12
300
200
100
0
400
500
VDS
VDS
(V)
AM13056v1
RDS(on)
3.6
3.4
3.2
3.0
0
0.4
ID(A)
(
Ω)
0.2
0.6
3.8
4.0
4.2
VGS=10V
1.0
0.8
1.2
AM13057v1
C
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM13058v1
Eoss
0.5
0
0
100
VDS(V)
(µJ)
400
200 300
1
500
600
1.5
AM13059v1
VGS(th)
1.00
0.90
0.80
0.70
-75
TJ(°C)
(norm)
-25
1.10
75
25
125
ID=50µA
AM13060v1
RDS(on)
2.0
1.5
1.0
0.5
-75
TJ(°C)
(norm)
-25
75
25
125
2.5
0
ID=1.1A
VGS=10V
AM13061v1


Similar Part No. - STD2LN60K3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD2LN60K3 VBSEMI-STD2LN60K3 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STD2LN60K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4N52K3 STMICROELECTRONICS-STP4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
STD1HN60K3 STMICROELECTRONICS-STD1HN60K3 Datasheet
1Mb / 19P
   N-channel 600 V, 6.7 廓 typ., 1.2 A SuperMESH3??Power MOSFET in DPAK and IPAK packages
April 2013 Rev 1
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STDLED602 STMICROELECTRONICS-STDLED602 Datasheet
1Mb / 19P
   N-channel 600 V, 4 Ω typ., 2 A Power MOSFET in DPAK and IPAK packages
March 2013
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
   N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
   N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com