Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7947 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7947
Description  12/10/8-Bit, 2MSPS, Dual-Channel, Unipolar, Pseudo-Differential, Ultralow-Power SAR Analog-to-Digital Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7947 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7947 Datasheet HTML 2Page - Texas Instruments ADS7947 Datasheet HTML 3Page - Texas Instruments ADS7947 Datasheet HTML 4Page - Texas Instruments ADS7947 Datasheet HTML 5Page - Texas Instruments ADS7947 Datasheet HTML 6Page - Texas Instruments ADS7947 Datasheet HTML 7Page - Texas Instruments ADS7947 Datasheet HTML 8Page - Texas Instruments ADS7947 Datasheet HTML 9Page - Texas Instruments ADS7947 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
ADS7947
ADS7948
ADS7949
SLAS708 – SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: ADS7948 (10-Bit) (continued)
Minimum/maximum specifications at AVDD = 2.7V to 5.5V, DVDD = 1.65V to AVDD, TA = –40°C to +125°C, and
fSAMPLE = 2MSPS, unless otherwise noted. Typical specifications at AVDD = 3V, DVDD = 1.8V, TA = +25°C, and fSAMPLE =
2MSPS.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-SUPPLY REQUIREMENTS
AVDD
2.7
3.3
5.5
V
DVDD
1.65
3.3
AVDD
V
AVDD = 3.3V, fSAMPLE = 2MSPS
2.5
mA
IDYNAMIC
AVDD = 5V, fSAMPLE = 2MSPS
3
3.5
mA
AVDD supply current
AVDD = 3.3V, SCLK off
1.8
mA
ISTATIC
AVDD = 5V, SCLK off
1.9
2.5
mA
DVDD = 3.3V, SCLK = 34MHz,
500
µA
DVDD supply current(6)
SDO load 20pF
IPD-DYNAMIC
SCLK = 34MHz
550
µA
Power-down state
AVDD supply current
IPD-STATIC
SCLK off
2.5
µA
Power-up time
1
µs
TEMPERATURE RANGE
Specified performance
–40
+125
°C
(6)
DVDD consumes only dynamic current. IDVDD = CLOAD × DVDD × number of 0→1 transitions in SDO × fSAMPLE. This is a
load-dependent current and there is no DVDD current when the output is not toggling.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS7947 ADS7948 ADS7949


Similar Part No. - ADS7947

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7947 TI-ADS7947 Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
ADS7947SRTER TI-ADS7947SRTER Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
ADS7947SRTET TI-ADS7947SRTET Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
More results

Similar Description - ADS7947

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7947 TI-ADS7947 Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com