Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7947SRTER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7947SRTER
Description  12/10/8-Bit, 2MSPS, Dual-Channel, Unipolar, Pseudo-Differential, Ultralow-Power SAR Analog-to-Digital Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7947SRTER Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7947SRTER Datasheet HTML 6Page - Texas Instruments ADS7947SRTER Datasheet HTML 7Page - Texas Instruments ADS7947SRTER Datasheet HTML 8Page - Texas Instruments ADS7947SRTER Datasheet HTML 9Page - Texas Instruments ADS7947SRTER Datasheet HTML 10Page - Texas Instruments ADS7947SRTER Datasheet HTML 11Page - Texas Instruments ADS7947SRTER Datasheet HTML 12Page - Texas Instruments ADS7947SRTER Datasheet HTML 13Page - Texas Instruments ADS7947SRTER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
GND
AVDD
REF
REFGND
PDEN
CHSEL
NC
NC
1
2
3
4
12
11
10
9
ADS7947
ADS7948
ADS7949
SLAS708 – SEPTEMBER 2010
www.ti.com
PIN CONFIGURATION
RTE PACKAGE
QFN-16
(TOP VIEW)
PIN FUNCTIONS
PIN NO.
PIN NAME
FUNCTION
DESCRIPTION
1
GND
Analog/digital
Power supply ground; all analog and digital signals are referred with respect to this pin
2
AVDD
Analog
ADC power supply
3
REF
Analog
ADC positive reference input; decouple this pin with REFGND
4
REFGND
Analog
Reference return; short to analog ground plane
5
AIN0P
Analog input
Positive analog input, channel 0
Negative analog input, channel 0. Note that the allowable signal swing on this pin is
6
AIN0N
Analog input
±0.2V; this pin can be grounded.
Negative analog input, channel 1. Note that the allowable signal swing on this pin is
7
AIN1N
Analog input
±0.2V; this pin can be grounded.
8
AIN1P
Analog input
Positive analog input, channel 1
9
NC
Not connected internally, it is recommended to externally short this pin to GND
10
NC
Not connected internally, it is recommended to externally short this pin to GND
This pin selects the analog input channel.
Low = channel 0, high = channel 1.
11
CH SEL
Digital input
It is recommended to change the channel within a window of one clock; from half a clock
after the CS falling edge. This change ensures the settling on the multiplexer output
before the sample start.
12
PDEN
Digital input
This pin enables a power-down feature if it is high at the CS rising edge
13
CS
Digital input
Chip select signal; active low
14
SCLK
Digital input
Serial SPI clock
15
SDO
Digital output
Serial data out
16
DVDD
Digital
Digital I/O supply
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS7947 ADS7948 ADS7949


Similar Part No. - ADS7947SRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7947SRTER TI-ADS7947SRTER Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
More results

Similar Description - ADS7947SRTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7947 TI-ADS7947 Datasheet
819Kb / 38P
[Old version datasheet]   12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
logo
Burr-Brown (TI)
ADS7884 BURR-BROWN-ADS7884 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com