Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8508IBDW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8508IBDW
Description  12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8508IBDW Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8508IBDW Datasheet HTML 2Page - Texas Instruments ADS8508IBDW Datasheet HTML 3Page - Texas Instruments ADS8508IBDW Datasheet HTML 4Page - Texas Instruments ADS8508IBDW Datasheet HTML 5Page - Texas Instruments ADS8508IBDW Datasheet HTML 6Page - Texas Instruments ADS8508IBDW Datasheet HTML 7Page - Texas Instruments ADS8508IBDW Datasheet HTML 8Page - Texas Instruments ADS8508IBDW Datasheet HTML 9Page - Texas Instruments ADS8508IBDW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
ADS8508
SLAS433 – SEPTEMBER 2005
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
I/O
AGND1
2
Analog ground. Used internally as ground reference point. Minimal current flow.
AGND2
7
Analog ground
BUSY
17
O
Busy output. Falls when a conversion is started, and remains low until the conversion is completed and
the data is latched into the output shift register.
CAP
5
Reference buffer capacitor. 2.2-µF Tantalum to ground.
CS
16
Chip select. Internally ORed with R/C
DATA
13
O
Serial data output. Data is synchronized to DATACLK, with the format determined by the level of SB/BTC.
In the external clock mode, after 16 bits of data, the ADS8508 outputs the level input on TAG as long as
CS is low and R/C is high (see Figure 8 and Figure 9). If EXT/INT is low, data is valid on both the rising
and falling edges of DATACLK, and between conversions DATA stays at the level of the TAG input when
the conversion was started.
DATACLK
12
I/O
Either an input or an output depending on the EXT/INT level. Output data is synchronized to this clock. If
EXT/INT is low, DATACLK transmits 16 pulses after each conversion, and then remains low between
conversions.
DGND
10
Digital ground
EXT/INT
9
Selects external or internal clock for transmitting data. If high, data is output synchronized to the clock
input on DATACLK. If low, a convert command initiates the transmission of the data from the previous
conversion, along with 16-clock pulses output on DATACLK.
NC
No connect
PWRD
18
I
Power down input. If high, conversions are inhibited and power consumption is significantly reduced.
Results from the previous conversion are maintained in the output shift register.
R/C
15
I
Read/convert input. With CS low, a falling edge on R/C puts the internal sample-and-hold into the hold
state and starts a conversion. When EXT/INT is low, this also initiates the transmission of the data results
from the previous conversion. If EXT/INT is high, a rising edge on R/C with CS low, or a falling edge on
CS with R/C high, transmits a pulse on SYNC and initiates the transmission of data from the previous
conversion.
REF
6
I/O
Reference input/output. Outputs internal 2.5-V reference. Can also be driven by external system
reference. In both cases, bypass to ground with a 2.2-µF tantalum capacitor.
R1IN
1
I
Analog input. See Table 3 for input range connections.
R2IN
3
I
Analog input. See Table 3 for input range connections.
R3IN
4
I
Analog input. See Table 3 for input range connections.
SB/BTC
8
O
Select straight binary or binary 2's complement data output format. If high, data is output in a straight
binary format. If low, data is output in a binary 2's complement format.
SYNC
11
O
Sync output. This pin is used to supply a data synchronization pulse when the EXT level is high and at
least one external clock pulse has occured when not in the read mode. See the external clock modes
desciptions.
TAG
14
I
Tag input for use in the external clock mode. If EXT is high, digital data input from TAG is output on
DATA with a delay that is dependent on the external clock mode. See Figure 8 and Figure 9.
VANA
19
I
Analog supply input. Nominally +5 V. Connect directly to pin 20, and decouple to ground with 0.1-µF
ceramic and 10-µF tantalum capacitors.
VDIG
20
I
Digital supply input. Nominally +5 V. Connect directly to pin 19. Must be
≤ V
ANA.
6


Similar Part No. - ADS8508IBDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8508IBDW TI-ADS8508IBDW Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWG4 TI-ADS8508IBDWG4 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWR TI-ADS8508IBDWR Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508IBDWRG4 TI-ADS8508IBDWRG4 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8508IBDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com