Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8512IBDW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8512IBDW
Description  12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8512IBDW Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8512IBDW Datasheet HTML 4Page - Texas Instruments ADS8512IBDW Datasheet HTML 5Page - Texas Instruments ADS8512IBDW Datasheet HTML 6Page - Texas Instruments ADS8512IBDW Datasheet HTML 7Page - Texas Instruments ADS8512IBDW Datasheet HTML 8Page - Texas Instruments ADS8512IBDW Datasheet HTML 9Page - Texas Instruments ADS8512IBDW Datasheet HTML 10Page - Texas Instruments ADS8512IBDW Datasheet HTML 11Page - Texas Instruments ADS8512IBDW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
70
71
72
73
74
75
Fs=10KHz
Fs=20KHz
Fs=30KHz
Fs=40KHz
InputFrequency:10KHz,0dB
-45 -25
-5
15
35
55
75
95
115
T -Free AirTemperature- C
A
°
60
62
64
66
68
70
72
74
76
78
80
1
10
100
1000
f -InputFrequency-kHz
i
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
f -Frequency-kHz
i
0dB
-
20dB
-
60dB
60
62
64
66
68
70
72
74
76
78
80
1
10
100
1000
f -Frequency-kHz
i
60
65
70
75
80
85
90
95
100
1
10
100
1000
f -Frequency-kHz
i
-100
-95
-90
-85
-80
-75
-70
-65
-60
1
10
100
1000
f -Frequency-kHz
i
70
70.5
71
71.5
72
72.5
73
73.5
74
74.5
75
0
1
2
3
4
5
6
7
8
9
10
ReferenceCapacitorESR- W
90
91
92
93
94
95
96
97
98
99
100
0
1
2
3
4
5
6
7
8
9
10
ReferenceCapacitorESR- W
-100
-99
-98
-97
-96
-95
-94
-93
-92
-91
-90
0
1
2
3
4
5
6
7
8
9
10
ReferenceCapacitorESR- W
ADS8512
SLAS485 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
SIGNAL-TO-NOISE + DISTORTION
SIGNAL-TO-NOISE + DISTORTION
SIGNAL-TO-NOISE RATIO
vs
vs
vs
FREQUENCY
FREE-AIR TEMPERATURE
FREQUENCY
Figure 19.
Figure 20.
Figure 21.
SIGNAL-TO-NOISE + DISTORTION
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
SIGNAL-TO-NOISE RATIO
vs
vs
vs
ESR
ESR
ESR
Figure 25.
Figure 26.
Figure 27.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS8512


Similar Part No. - ADS8512IBDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8512IBDW TI-ADS8512IBDW Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512IBDWR TI-ADS8512IBDWR Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
More results

Similar Description - ADS8512IBDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com