Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8517IBDWG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS8517IBDWG4
Description  16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8517IBDWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8517IBDWG4 Datasheet HTML 5Page - Texas Instruments ADS8517IBDWG4 Datasheet HTML 6Page - Texas Instruments ADS8517IBDWG4 Datasheet HTML 7Page - Texas Instruments ADS8517IBDWG4 Datasheet HTML 8Page - Texas Instruments ADS8517IBDWG4 Datasheet HTML 9Page - Texas Instruments ADS8517IBDWG4 Datasheet HTML 10Page - Texas Instruments ADS8517IBDWG4 Datasheet HTML 11Page - Texas Instruments ADS8517IBDWG4 Datasheet HTML 12Page - Texas Instruments ADS8517IBDWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
100
90
80
70
60
50
40
30
20
10
InputSignalFrequency(kHz)
0
2
4
8
10
6
12
14
16
18
20
-60dB
-20dB
0dB
100
90
80
InputSamplingFrequency(kHz)
1
100
10
100
90
80
InputSamplingFrequency(kHz)
1
100
10
110
100
90
80
70
InputSamplingFrequency(kHz)
1
100
10
-70
-80
-90
-100
-110
-120
InputSamplingFrequency(kHz)
1
100
10
110
105
100
95
90
85
80
-80
-85
-90
-95
-100
-105
-110
ESR( )
W
0
1
4
5
6
7
8
9
10
THD
SNR
SFDR
SINAD
f
=10kHz,0dB
IN
3
2
ADS8517
www.ti.com ................................................................................................................................................. SLAS527A – SEPTEMBER 2008 – REVISED JUNE 2009
TYPICAL CHARACTERISTICS (continued)
At fS = 200 kHz, VDIG = VANA = 5 V, and using internal reference (see Figure 39), unless otherwise specified.
SIGNAL-TO-(NOISE+DISTORTION)
SIGNAL-TO-NOISE RATIO
vs INPUT FREQUENCY AND INPUT AMPLITUDE
vs INPUT FREQUENCY
Figure 13.
Figure 14.
SIGNAL-TO-(NOISE+DISTORTION)
SPURIOUS-FREE DYNAMIC RANGE
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 15.
Figure 16.
TOTAL HARMONIC DISTORTION
AC PARAMETERS
vs INPUT FREQUENCY
vs CAP PIN CAPACITOR ESR
Figure 17.
Figure 18.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS8517


Similar Part No. - ADS8517IBDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8517IBDW TI-ADS8517IBDW Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517IBDWR TI-ADS8517IBDWR Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Similar Description - ADS8517IBDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com