Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8512IDWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS8512IDWG4
Description  12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8512IDWG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS8512IDWG4 Datasheet HTML 1Page - Texas Instruments ADS8512IDWG4 Datasheet HTML 2Page - Texas Instruments ADS8512IDWG4 Datasheet HTML 3Page - Texas Instruments ADS8512IDWG4 Datasheet HTML 4Page - Texas Instruments ADS8512IDWG4 Datasheet HTML 5Page - Texas Instruments ADS8512IDWG4 Datasheet HTML 6Page - Texas Instruments ADS8512IDWG4 Datasheet HTML 7Page - Texas Instruments ADS8512IDWG4 Datasheet HTML 8Page - Texas Instruments ADS8512IDWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
Successive ApproximationRegister
Clock
Comparator
CDAC
Buffer
REF
BUF
R1IN
8kW
Internal
+2.5VRef
4 kW
Serial
Data
Out
and
Control
40kW
R2IN
EXT/INT
PWRD
BUSY
CS
CONV
SDATA
DATACLK
CAP
20kW
R3IN
ADS8512
www.ti.com ...................................................................................................................................................................................................... SLAS485 – JUNE 2008
12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
with Internal Reference and Serial Interface
• Industrial Process Control
234
• 40-kHz Minimum Sampling Rate
• Test Equipment
• Very Low Power: 25 mW
• Robotics
• ±3.33-V, ±5-V, ±10-V, 4-V, and 10-V Input
• DSP Servo Control
Ranges
• Medical Instrumentation
• 73.9-dB SINAD with 10-kHz Input
• Portable Data Acquisition Systems
• ±0.5 LSB Max INL
• ±0.5 LSB Max DNL, 12-Bit NMC
• ±5-mV BPZ, ±2 ppm/°C BPZ Drift
The ADS8512 is a complete low-power, single 5-V
• 72-dB Min SINAD, 80-dB Min SFDR
supply,
12-bit
sampling
analog-to-digital
(A/D)
• Uses Internal or External 2.5-V Reference
converter.
It
contains
a
complete
12-bit
capacitor-based, successive approximation register
• No External Calibration Resistors Required
(SAR) A/D converter with sample-and-hold (S/H),
• Single 5-V Analog Supply:
clock, reference, and serial data interface. The
32.5-mW Max Power Dissipation
converter can be configured for a variety of input
ranges including ±10 V, ±5 V, 0 V to 10 V, and 0.5 V
50-
µW Max Power-Down Mode
to 4.5 V. A high-impedance, 0.3-V to 2.8-V input is
• SPI™-Compatible Serial Port up to 20MHz,
also available with input impedance greater than 10
with Master/Slave Feature
M
Ω. For most input ranges, the input voltage can
• Global CONV and 3-Stated Bus for Multi-Chip
swing to 25 V or –25 V without damage to the
Simultaneous S/H Operation
converter.
• Pin-Compatible with ADS7812 and 16-Bit
An SPI-compatible serial interface allows data to be
ADS7813/8513
synchronized to an internal or external clock. The
ADS8512 is specified at 40-kHz sampling rate over
• SO-16 Package
the –40°C to +85°C industrial temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TMS320 is a trademark of Texas Instruments.
3
SPI is a trademark of Motorola, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8512IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8512IDW TI-ADS8512IDW Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512IDWR TI-ADS8512IDWR Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
More results

Similar Description - ADS8512IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com