Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8513IDWG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513IDWG4
Description  16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8513IDWG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS8513IDWG4 Datasheet HTML 1Page - Texas Instruments ADS8513IDWG4 Datasheet HTML 2Page - Texas Instruments ADS8513IDWG4 Datasheet HTML 3Page - Texas Instruments ADS8513IDWG4 Datasheet HTML 4Page - Texas Instruments ADS8513IDWG4 Datasheet HTML 5Page - Texas Instruments ADS8513IDWG4 Datasheet HTML 6Page - Texas Instruments ADS8513IDWG4 Datasheet HTML 7Page - Texas Instruments ADS8513IDWG4 Datasheet HTML 8Page - Texas Instruments ADS8513IDWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
PIN CONFIGURATION
VS
BUSY
CS
DATACLK
R1IN
GND
BUF
CAP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R2IN
REF
EXT/INT
DATA
PWRD
R3IN
GND
CONV
ADS8513
www.ti.com ...................................................................................................................................................... SLAS486C – JUNE 2007 – REVISED JANUARY 2009
DW PACKAGE
SO-16
(TOP VIEW)
Pin Assignments
PIN
DIGITAL
NAME
NO.
I/O
DESCRIPTION
R1IN
1
Analog input. See Table 1 and Table 3.
R2IN
3
Analog input. See Table 1 and Table 3.
R3IN
4
Analog input. See Table 1 and Table 3.
BUF
5
Reference buffer output. Connect to R1IN, R2IN, or R3IN as needed
6
Reference buffer compensation node. Decouple to ground with a 1-
µF tantalum capacitor in parallel
CAP
with a 0.01
µF ceramic capacitor.
7
Reference input/output. Outputs internal 2.5V reference via a series 4k
Ω resistor. Decouple this
REF
voltage with a 1
µF to 2.2µF tantalum capacitor to ground. If an external reference voltage is applied
to this pin, it overrides the internal reference.
9
I/O
Data clock pin. With EXT/INT low, this pin is an output and provides the synchronous clock for the
DATACLK
serial data. The output is 3-stated when CS is high. With EXT/INT high, this pin is an input and the
serial data clock must be provided externally.
10
O
Serial data output. The serial data are always the result of the last completed conversion and are
DATA
synchronized to DATACLK. If DATACLK is from the internal clock (EXT/INT low), the serial data are
valid on both the rising and falling edges of DATACLK. DATA is 3-stated when CS is high.
11
I
External/Internal DATACLK pin. Selects the source of the synchronous clock for serial data. If high,
the clock must be provided externally. If low, the clock is derived from the internal conversion clock.
EXT/INT
Note that the clock used to time the conversion is always interna,l regardless of the status of
EXT/INT.
12
Convert input. A falling edge on this input puts the internal sample/hold into the hold state and starts
a conversion regardless of the state of CS. If a conversion is already in progress, the falling edge is
CONV
ignored. If EXT/INT is low, data from the previous conversion are serially transmitted during the
current conversion.
13
I
Chip select. This input 3-states all outputs when high and enables all outputs when low, including
CS
DATA, BUSY, and DATACLK (when EXT/INT is low). Note that a falling edge on CONV initiates a
conversion even when CS is high.
14
O
Busy output. When a conversion starts, BUSY goes low and remains low throughout the conversion.
BUSY
If EXT/INT is low, data are serially transmitted while BUSY is low. BUSY is 3-stated when CS is
high.
15
I
Power-down input. When high, the majority of the ADS8513 circuitry is placed in a low-power mode
and power consumption is significantly reduced. (The ADS7813 requires CONV be taken low before
PWRD goes low in order to achieve the lowest power consumption. This is not necessary for the
PWRD
ADS8513 and it does not cause interference if performed.) The time required for the ADS7813 to
return to normal operation after power down depends on a number of factors. Consult the Chapter 0
section for more information.
GND
2, 8
Ground.
16
+5V supply input. For best performance, decouple to ground with a 0.1
µF ceramic capacitor in
VS
parallel with a 10
µF tantalum capacitor.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8513


Similar Part No. - ADS8513IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8513IDW TI-ADS8513IDW Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8513IDWR TI-ADS8513IDWR Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Similar Description - ADS8513IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com