Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34708-3088 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 34708-3088
Description  Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 12 Circuit Signal Header, Polarization A, Black; Bay B 16 Circuit Signal Header, Polarization B, Gray; Bay C 12 Circuit Signal Header, Polarization B, Tray
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34708-3088 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  34708-3088 Datasheet HTML 1Page - Molex Electronics Ltd. 34708-3088 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/16/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
34708-3088
Status:
Active
Overview:
Stac64™ Single, Multi-Pocket and Hybrid Header System
Description:
Stac64™ 3 Bay Right Angle Headers, 40 Circuits, Bay A 12 Circuit Signal Header,
Polarization A, Black; Bay B 16 Circuit Signal Header, Polarization B, Gray; Bay C 12
Circuit Signal Header, Polarization B, Tray
Documents:
3D Model
Application Specification AS-34729-020 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-31372-100 (PDF)
Product Literature (PDF)
Product Specification PS-34729-020 (PDF)
General
Product Family
PCB Headers
Series
34708
Application
Power, Wire-to-Board
Comments
Bay A 12 Circuits Stac64™ Right Angle Signal Header,
Polarization A. Bay B 16 Circuits Stac64™ Right
Angle Signal Header, Polarization B. Bay C 12 Circuits
Stac64™ Right Angle Signal Header, Polarization B
Overview
Stac64™ Single, Multi-Pocket and Hybrid Header
System
Product Literature Order No
987650-4561
Product Name
Stac64™
UPC
884982287662
Physical
Breakaway
No
Circuits (Loaded)
40
Circuits (maximum)
40
Color - Resin
Black, Gray
Durability (mating cycles max)
10
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Nickel
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
19.956/g
Number of Rows
2
Orientation
Right Angle
PC Tail Length
3.36mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.57mm
Packaging Type
Tray
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Yes
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34708Series
Mates With
31408 USCAR 2.54mm (.100”) Pitch
Receptacle, 31372 5.25mm (.206") Pitch
Hybrid Receptacle Assembly, 34729
2.54mm (.100") Pitch Stac64™ Right Angle
Receptacle


Similar Part No. - 34708-3088

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34708-3080 MOLEX11-34708-3080 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 12 Circuit Signal Header, Polarization A, Black; Bay B 12 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization A, Tray
34708-3081 MOLEX11-34708-3081 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 52 Circuits, Bay A 20 Circuit Signal Header, Polarization D, Green; Bay B 12 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization C, Tray
34708-3082 MOLEX11-34708-3082 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 28 Circuits, Bay A 12 Circuit Signal Header, Polarization C, Brown; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 8 Circuit Signal Header, Polarization B, Tray
34708-3083 MOLEX11-34708-3083 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 8 Circuit Signal Header, Polarization C, Brown; Bay B 16 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization C, Tray
34708-3084 MOLEX11-34708-3084 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 32 Circuits, Bay A 16 Circuit Signal Header, Polarization A, Black; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization B, Tray
More results

Similar Description - 34708-3088

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34708-3000 MOLEX11-34708-3000 Datasheet
35Kb / 2P
   Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 16 Circuit Signal Header, Polarization B, Gray; Bay B 16 Circuit Signal Header, Polarization A, Black; Bay C 12 Circuit Signal Header, Polarization B, Tray
34708-3080 MOLEX11-34708-3080 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 12 Circuit Signal Header, Polarization A, Black; Bay B 12 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization A, Tray
34708-3084 MOLEX11-34708-3084 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 32 Circuits, Bay A 16 Circuit Signal Header, Polarization A, Black; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization B, Tray
34708-3082 MOLEX11-34708-3082 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 28 Circuits, Bay A 12 Circuit Signal Header, Polarization C, Brown; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 8 Circuit Signal Header, Polarization B, Tray
34708-3093 MOLEX11-34708-3093 Datasheet
59Kb / 2P
   Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 16 Circuit Signal Header, Polarization B, Gray; Bay B 16 Circuit Signal Header, Polarization A, Black; Bay C 8 Circuit Signal Header, Polarization A, Tray
34708-3096 MOLEX11-34708-3096 Datasheet
59Kb / 2P
   Stac64??3 Bay Right Angle Headers, 52 Circuits, Bay A 16 Circuit Signal Header, Polarization A, Black; Bay B 16 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization C, Tray
34708-3095 MOLEX11-34708-3095 Datasheet
59Kb / 2P
   Stac64??3 Bay Right Angle Headers, 48 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 16 Circuit Signal Header, Polarization C, Brown; Bay C 12 Circuit Signal Header, Polarization B, Tray
34708-2031 MOLEX11-34708-2031 Datasheet
34Kb / 2P
   Stac64??2 Bay Right Angle Headers, 24 Circuits, Bay A 12 Circuit Signal Header, Polarization B, Gray; Bay B 12 Circuit Signal Header, Polarization A, Tray
34707-3020 MOLEX11-34707-3020 Datasheet
47Kb / 2P
   Stac64??3 Bay Vertical Headers, 44 Circuits, Bay A 16 Circuit Signal Header, Polarization B, Gray; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization B, Gray, Tray
34708-3089 MOLEX11-34708-3089 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 52 Circuits, Bay A 16 Circuit Signal Header, Polarization A, Black; Bay B 16 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization A, Tray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com