Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65366-21 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY65366-21
Description  The Right Products for Your System Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65366-21 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY65366-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65366-21 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65366-21 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65366-21 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65366-21 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65366-21 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65366-21 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65366-21 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65366-21 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
WWW.SKYWORKSINC.COM
2
WWW.SKYWORKSINC.COM
Table of Contents
Smart Energy Product Overview . . . . . . . . . . . . . . . . . 3
Block Diagrams
Short Range Radio . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Smart Meter Communication
Module (Simplified) . . . . . . . . . . . . . . . . . . . . . . . . 4
Thermostat Block Diagram . . . . . . . . . . . . . . . . . . 4
Custom Front-end Modules . . . . . . . . . . . . . . . . . . . . . 5
Product Specifications
Front-end Modules (FEMs) . . . . . . . . . . . . . . . . . . . 5
Amplifiers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Power Management . . . . . . . . . . . . . . . . . . . . . . . . 7
Switches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Synthesizers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Voltage Controlled Oscillators (VCOs). . . . . . . . . 10
Diodes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Skyworks Sales Offices. . . . . . . . . . . . . . . . . . . . . . . . . 14
Select products and sample/designer kits available for purchase
online. www.skyworksinc.com
Innovation to GoTM
BUY
NOW
BUY
NOW
Skyworks Green™ products are compliant to all applicable materials
legislation and are halogen-free. For additional information, please refer
to Skyworks Definition of Green™, document number SQ04-0074.
Skyworks lead (Pb)-free products are compliant to all applicable
materials legislation. For additional information, please refer to
Skyworks Definition of Lead (Pb)-Free, document number SQ04-0073.
Tin/lead (SnPb) packaging is not recommended for new designs.
Smart Energy Solutions
Applications
ZigBee® (IEEE 802.15.4)
Industrial and Control Unlicensed Band Radios
Plug-in Hybrid Electric Vehicles (PHEVs)
802.15.4g
Home Security and Automation
Products
Front-end Modules (FEMs)
Power Amplifiers (PAs) and Drivers
Low Noise Amplifiers (LNAs)
Power Management
Switches
Synthesizers
Voltage Control Oscillators (VCOs)
Diodes
Join Our Customer Email Program Today
Skyworks is continually releasing new products. Join
our customer email program instantly by scanning the
QR code with your smartphone.


Similar Part No. - SKY65366-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65366-11-EVB SKYWORKS-SKY65366-11-EVB Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
More results

Similar Description - SKY65366-21

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
   Fair-Rite Products Corp. Your Sinnal Solution
TSX10A-26057 ETC1-TSX10A-26057 Datasheet
54Kb / 1P
   For the CSR Bluetooth products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
Analog Devices
MT-002 AD-MT-002 Datasheet
158Kb / 12P
   What the Nyquist Criterion Means to Your Sampled Data System Design
Rev.A, 10/08, WK
logo
List of Unclassifed Man...
VM3-01 ETC2-VM3-01 Datasheet
99Kb / 2P
   To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com