Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1562CPWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV1562CPWG4
Description  2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1562CPWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV1562CPWG4 Datasheet HTML 3Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 4Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 5Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 6Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 7Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 8Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 9Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 10Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
TLV1562
2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL
CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
SLAS162 – SEPTEMBER 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
The following examples show how to program configuration registers CR0 and CR1 for different settings.
Example 1:
REGISTER
INDEX
COMMENT
REGISTER
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
COMMENT
CR0
0
0
1
1
0
1
0
0
0
0
Mono interrupt mode, use RD, write 0D0h to ADC
CR1
0
1
0
0
0
0
0
0
0
0
Use 2s complementary output, use RD, write 104h to ADC
Example 2:
CR0
0
0
1
1
0
1
0
0
0
0
Mono interrupt mode, use CSTART, write 0D0h to ADC
CR1
0
1
0
1
0
0
0
0
0
0
Use 2s complementary output, write 144h to ADC
Example 3:
CR0
0
0
1
1
0
1
0
1
0
0
Dual interrupt mode, use CSTART only, write 0D4h to ADC
CR1
0
1
0
1
0
0
0
0
0
0
Use 2s complementary output, write 144h to ADC
Example 4:
CR0
0
0
1
1
0
1
1
0
0
0
Mono continuous mode, use RD only, write 0D8h to ADC
CR1
0
1
0
0
0
0
0
0
0
0
Use 2s complementary output, write 104h to ADC
Example 5:
CRO
0
0
1
1
0
1
1
1
0
0
Dual continuous mode, use RD only, write 0DCh to ADC
CR1
0
1
0
0
0
0
0
1
0
0
Binary output, write 104h to ADC
analog input
input types
The four analog inputs can be configured as two pairs of differential inputs or four single-ended inputs by setting
the control register 0 bit 4 input type selection (dual or single channel).
differential input (CR0.4=1)
Up to two channels are available when the TLV1562 is programmed for differential input. The output data format
is bipolar when the device is operated in differential input mode.
single-ended input (CR0.4=0)
Up to four channels are available when the TLV1562 is programmed for single-ended input. The output data
format is unipolar when the device is operated in single-ended input mode.


Similar Part No. - TLV1562CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1562CPW TI-TLV1562CPW Datasheet
578Kb / 40P
[Old version datasheet]   2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
More results

Similar Description - TLV1562CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1562 TI-TLV1562 Datasheet
578Kb / 40P
[Old version datasheet]   2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com