Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1562IDW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1562IDW
Description  2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1562IDW Datasheet(HTML) 5 Page - Texas Instruments

  TLV1562IDW Datasheet HTML 1Page - Texas Instruments TLV1562IDW Datasheet HTML 2Page - Texas Instruments TLV1562IDW Datasheet HTML 3Page - Texas Instruments TLV1562IDW Datasheet HTML 4Page - Texas Instruments TLV1562IDW Datasheet HTML 5Page - Texas Instruments TLV1562IDW Datasheet HTML 6Page - Texas Instruments TLV1562IDW Datasheet HTML 7Page - Texas Instruments TLV1562IDW Datasheet HTML 8Page - Texas Instruments TLV1562IDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
TLV1562
2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL
CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
SLAS162 – SEPTEMBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
control register
The TLV1562 is software configurable. The first two bits, MSBs (D9,8), are used to address the register set. The
rest of the 8 bits are used as data. There are two control registers, CR0 and CR1, for user configuration. All of
these register bits are written to the control register during a write cycle. A description of the control registers
and the input/output data formats are shown in Figure 1.
Pin D9
Index1
Pin D8
Index0
Pin D7
Pin D6
CR0
0
Offset Calibration Set OMS(1,0)
0,0 = Operate with calibration
0,1 = Measure system offset
1,0 = Measure internal offset
1,1 = Operate without calibration
0
0
1
Input Data Format
Pin D9
Pin D8
Pin D7
Pin D6
Pin D5
Pin D4
Pin D3
Pin D2
Pin D1
Pin D0
Output Data Format
10-Bit Conversion Result
4-Bit Conversion Result
8-Bit Conversion Result
CR1
D(5,4)
= 0,0
OD9
OD3
OD7
CR1
MSB
OD8
OD7
OD6
OD5
OD4
OD3
OD2
OD1
OD0
LSB
OD2
OD1
OD0
Z
Z
Z
Z
Z
Z
OD6
OD5
OD4
OD3
OD2
OD1
OD0
Z
Z
MSB
LSB
MSB
LSB
Conversion
Clock Select
0 = Internal
1 = External
Input Type:
0 = Single end
1 = Differential
Conversion Mode Select MS(1,0)
0,0 = Mono interrupt
0,1 = Dual interrupt
1,0 = Mono continuous
1,1 = Dual continuous
Channel Select CS(1,0)
0,0 = Ch1 or pair A
0,1 = Ch2 or pair A
1,0 = Ch3 or pair B
1,1 = Ch4 or pair B
System Offset Calibration: Short the system input to the system AGND
Internal Offset Calibration: Short the two inputs to the S/HA to AGND
0
Interrupt-Mode
Conversion
Started
0 = By RD
1 = By CSTART
Resolution Select BS(1,0)
0,0 = 10-Bit
0,1 = 4-Bit
1.0 = 8-Bit
1.1 = 12-Bit Test
0
Output Format
0 = 2’s
Complement
1 = Binary
Interrupt-Mode
Auto
Power Down
0 = Disabled
1 = Enabled
SW Power Down
0 = Normal
1 = S/W Power
Down
Register Index
Configuration Register Content
Configuration Result
CR1
D(5,4)
= 0,1
CR1
D(5,4)
= 1,0
Reference delta should be greater than 2 V when swing is reduced.
NOTE:
Z indicates bits write zero read zero back.
Pin D5
Pin D4
Pin D3
Pin D2
Pin D1
Pin D0
Figure 1. Input/Output Data Formats
NOTE:
Channel select bits CR0.(1,0), CS(1,0) are ignored when the device is in the dual (interrupt or
continuous) modes using differential inputs, since both differential input pairs are automatically
selected. CR0.0 (i.e., CS0 bit) is used to determine if channels 1 and 3 or channels 2 and 4 are
selected if single-ended input mode is used.


Similar Part No. - TLV1562IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1562IDW TI-TLV1562IDW Datasheet
578Kb / 40P
[Old version datasheet]   2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
More results

Similar Description - TLV1562IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1562 TI-TLV1562 Datasheet
578Kb / 40P
[Old version datasheet]   2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com