Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1562IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1562IPW
Description  2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1562IPW Datasheet(HTML) 1 Page - Texas Instruments

  TLV1562IPW Datasheet HTML 1Page - Texas Instruments TLV1562IPW Datasheet HTML 2Page - Texas Instruments TLV1562IPW Datasheet HTML 3Page - Texas Instruments TLV1562IPW Datasheet HTML 4Page - Texas Instruments TLV1562IPW Datasheet HTML 5Page - Texas Instruments TLV1562IPW Datasheet HTML 6Page - Texas Instruments TLV1562IPW Datasheet HTML 7Page - Texas Instruments TLV1562IPW Datasheet HTML 8Page - Texas Instruments TLV1562IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TLV1562
2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL
CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
SLAS162 – SEPTEMBER 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2 MSPS Max Throughput at 10 Bit (Single
Channel),
±1 LSB DNL, ±1 LSB INL MAX
D 3 MSPS Max Throughput at 8 Bit (Single
Channel),
±1 LSB DNL, ±1 LSB INL MAX
D 7 MSPS Max Throughput at 4 Bit (Single
Channel),
±0.4 LSB DNL, ±0.4 LSB INL MAX
D No Missing Code for External Clock Up to
15 MHz at 5.5 V, 12 MHz at 2.7 V
D ENOB 9.4 Bit, SINAD 57.8 dB, SFDR
–70.8 dB, THD –68.8 dB, at fi = 800 kHz,
10 Bit
D Wide Input Bandwidth for Undersampling
(75 MHz at 1 dB, >120 MHz at –3 dB) at
Rs = 1 kΩ
D Software Programmable Power Down,
(1
µA), Auto Powerdown (120 µA)
D Single Wide Range Supply 2.7 VDC to
5.5 VDC
D Low Supply Current 11 mA at 5.5 V, 10 MHz;
7 mA at 2.7 V, 8 MHz Operating
D Simultaneous Sample and Hold:
Dual Sample and Hold Matched Channels
Multi Chip Simultaneous Sample and Hold
Capable
D Programmable Conversion Modes:
Interrupt-Driven for Shorter Latency
Continuous Modes Optimized for MIPS
Sensitive DSP Solutions
D Built-In Internal/System Mid-Scale Error
Calibration
D Built-In Mux With 2 Differential or 4
Single-Ended Input Channels
D Low Input Capacitance (10 pF Max Fixed,
1 pF Max Switching)
D DSP/µ P-Compatible Parallel Interface
applications
D Portable Digital Radios
D Personal Communication Assistants
D Cellular
D Pager
D Scanner
D Digitizers
D Process Controls
D Motor Control
D Remote Sensing
D Automotive
D Servo Controls
D Cameras
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CSTART
(LSB) D0
D1
D2
D3
D4
BDVDD
BDGND
D5
D6
D7
D8
(MSB) D9
INT
RD
AP/CH1
AM/CH2
BP/CH3
BM/CH4
AVDD
VREFP
VREFM
AGND
WR
DGND
DVDD
CLKIN
CS/OE
DW OR PW PACKAGE
(TOP VIEW)
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV1562IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1562IPW TI-TLV1562IPW Datasheet
578Kb / 40P
[Old version datasheet]   2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
More results

Similar Description - TLV1562IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1562 TI-TLV1562 Datasheet
578Kb / 40P
[Old version datasheet]   2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com