Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ530 Datasheet(PDF) 1 Page - General Semiconductor

Part # SMAJ530
Description  SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SMAJ530 Datasheet(HTML) 1 Page - General Semiconductor

  SMAJ530 Datasheet HTML 1Page - General Semiconductor SMAJ530 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMAJ530 AND SMAJ550
SURFACE MOUNT TRANSZORB™ TRANSIENT VOLTAGE SUPPRESSOR
Steady State Power - 1Watt
Reverse Voltage - 530, 550 Volts
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Protects TOPSwitch®
♦ Glass Passivated Junction
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals
♦ Exellent Clamping capability
♦ Available in unidirectional only
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic body over
passivated chip
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: The color band denotes the cathode, which is
positive with respect to the anode under normal TVS
operation
Mounting Position: Any
Weight: 0.002 ounces, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
SMAJ530
SMAJ550
UNITS
Device marking code
HD
SB
Steady state power dissipation (NOTE 3)
PM(AV)
1.0
Watts
Peak pulse power dissipation (NOTE 1,2,5, FIG.1)
PPPM
Minimum 300
Watts
Minimum breakdown voltage at 100
µAV(BR)
530
550
Volts
Maximum clamping voltage at 300mA, 10/1000
µs-waveform
Vc
660
Volts
Stand-off voltage
VWM
477
495
Volts
Maximum DC reverse leakage current at VWM
ID
5.0
µA
Typical thermal resistance
R
ΘJL
27
°C/W
Typical thermal resistance
R
ΘJA
75
°C/W
Typical temperature coefficient of V(BR)
650
mV°C
Typical capacitance (NOTE 4)
at 0V
CJ
75
pF
at 200V
45
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Non-repetitive current pulse, per Fig.3 and derated above 25°C per - Fig. 2
(2) Mounted on 5.0mm
2 copper pads to each terminal
(3) Lead temperature at 75°C=TL per Fig. 5
(4) Measured at 1MHz
(5) Peak pulse power waveform is 10/100
µS
1/4/99
0.157 (3.99)
0.177 (4.50)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203) MAX.
0.194 (4.93)
0.208 (5.28)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.049 (1.25)
0.065 (1.65)
DO-214AC
Dimensions in inches and (millimeters)
ADVANCED INFORMATION


Similar Part No. - SMAJ530

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMAJ530 TSC-SMAJ530 Datasheet
50Kb / 2P
   Surface Mount TransZorbTM Transient Voltage Suppressors
logo
Vishay Siliconix
SMAJ530 VISHAY-SMAJ530 Datasheet
102Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SMAJ530 VISHAY-SMAJ530 Datasheet
92Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMAJ530-E3/5A VISHAY-SMAJ530-E3/5A Datasheet
102Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SMAJ530-E3/61 VISHAY-SMAJ530-E3/61 Datasheet
102Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
More results

Similar Description - SMAJ530

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 GE-TGL41-6.8 Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com