Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISE40-T1-22 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ISE40-T1-22
Description  High Precision, Digital Pressure Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISE40-T1-22 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ISE40-T1-22 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISE40-T1-22 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
16-2-18
Series
ZSE40/ISE40
Specifications
Example of Internal Circuit and Wiring
Rated pressure range
Operating pressure range/Set pressure range
Withstand pressure
Set pressure
resolution Note 1)
Applicable fluid
Power supply voltage
Current consumption
Switch output
Repeatability
Hysteresis
Response time (With anti-chattering function)
Output short circuit protection
Display
Display accuracy
Indicator light
Analog output Note 2)
Auto shift input Note 3)
Environmental
resistance
Temperature characteristics
Port size
Lead wire
Weight
ZSE40F (Compound pressure)
–100.0 to 100.0 kPa
–100.0 to 100.0 kPa
500 kPa
0.1
0.001
0.001
0.02
0.01
1
0.1
Air, Non-corrosive/Non-flammable gas
12 to 24 VDC
±10%, Ripple (p-p) 10% or less
55 mA or less
NPN or PNP 2 outputs
Max. load current
: 80 mA
Max. applied voltage: 30 VDC (With NPN output)
Residual voltage
: 1 V or less (With 80 mA load current)
±0.2% F.S. ±1digit or less
Variable
Fixed (3 digits) Note4)
2.5 ms or less (With anti-chattering function: 24 ms, 192 ms and 768 ms selections)
Yes
3 1/2 digit LED display (Sampling cycle: 5 times/sec.)
±2% F.S. ±1 digit or less (at ambient temperature of 25 ±3°C)
Green LED (OUT1: Lights when ON), Red LED (OUT2: Lights when ON)
Output voltage: 1 to 5 V
±5% F.S. or less (in rated pressure range)
Linearity:
±1% F.S. or less
Output impedance: Approx. 1 k
No-voltage input (Reed or solid state), input 5 ms or more
IP65
Operating: 0 to 50˚C, Stored: –10 to 60˚C (No condensation or freezing)
Operating/Stored: 35 to 85% RH (No condensation)
1000 VAC for 1 min. between lead wires and body
50 M
Ω or more (at 500 VDC) between lead wires and body
10 to 500 Hz at the smaller of amplitude 1.5 mm or acceleration 98 m/s2 (10 G) in X, Y, Z directions for 2 hrs. each (De-energized)
980 m/s2 (100 G) in X, Y, Z directions 3 times each (De-energized)
In a temperature range of 0 to 50
°C, ±2% F.S. or less of pressure measured at 25°C
01: R 1/8, M5 x 0.8, T1: NPT1/8, M5 x 0.8, W1: Rc 1/8
C4: With ø4 One-touch fitting, C6: With ø6 One-touch fitting, M5: M5 female threads
5-wire oil resistant heavy-duty cord (0.15 mm2)
01/T1 types approx. 60 g, W1 type approx. 80 g, C4/C6/M5 types approx. 92 g (Each including 0.6 m lead wires)
ZSE40 (Vacuum pressure)
0.0 to –101.3 kPa
10.0 to –101.3 kPa
Output voltage: 1 to 5 V
±2.5% F.S. or less (in rated pressure range)
Linearity:
±1% F.S. or less
Output impedance: Approx. 1 k
ISE40 (Positive pressure)
0.000 to 1.000 MPa
–0.100 to 1.000 MPa
1.5 MPa
0.001
0.01
0.01
0.1
kPa
MPa
kgf/cm2
bar
psi
mmHg
InHg
Hysteresis mode
Enclosure
Ambient temperature range
Ambient humidity range
Withstand voltage
Insulation resistance
Vibration resistance
Impact resistance
Window comparator mode
Setting range
–100.0 to 100.0 kPa
–101.3 to 101.3 kPa
–1.000 to 1.000 MPa
Set pressure range
–100.0 to 100.0 kPa
10.0 to –101.3 kPa
– 0.1 to 1.000 MPa
Note)
When equipped with auto shift function, the following ranges can be set.
Note 1) Equipped with unit switching function
(Types without the unit switching function use SI units (kPa or MPa) only.)
Note 2) For ZSE40 (F)/ISE40-
„-22
62
Note 3) For ZSE40 (F)/ISE40-
„-30
70
Note 4) For ZSE40F (compound pressure) with “psi” indication, this is 0.03 to 0.04
psi.
Note 5) For ZSE40F (compound pressure) with “psi” indication, zero clear is in the
range of
±0.01 psi.
1 k
12 to 24 VDC
DC (+)
(Brown)
Analog output
(Gray)
OUT1
(Black)
OUT2
(White)
DC (–)
(Blue)
1.2 k
6.8 k
12 to 24 VDC
DC (+)
(Brown)
Auto shift input
(Gray)
OUT1
(Black)
OUT2
(White)
DC (–)
(Blue)
ZSE40(F)
ISE40-
„-22(L)-(M)
With analog output
ZSE40(F)
ISE40-
„-62(L)-(M)
With analog output
ZSE40(F)
ISE40-
„-30(L)-(M)
With auto shift input
ZSE40(F)
ISE40-
„-70(L)-(M)
With auto shift input
1 k
12 to 24 VDC
DC (+)
(Brown)
Analog output
(Gray)
OUT1
(Black)
OUT2
(White)
DC (–)
(Blue)
1.2 k
6.8 k
12 to 24 VDC
DC (+)
(Brown)
Auto shift input
(Gray)
OUT1
(Black)
OUT2
(White)
DC (–)
(Blue)


Similar Part No. - ISE40-T1-22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISE40-01-62L ETC2-ISE40-01-62L Datasheet
231Kb / 3P
   ZSE40F (Compound pressure)
More results

Similar Description - ISE40-T1-22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZS-27-C ETC1-ZS-27-C Datasheet
1Mb / 21P
   High Precision, 2-color Display Digital Pressure Switch
ISE30-T1-25 ETC2-ISE30-T1-25 Datasheet
1Mb / 21P
   High Precision,2-color Display Digital Pressure Switch
logo
Panasonic Semiconductor
DP-M2 PANASONIC-DP-M2 Datasheet
333Kb / 6P
   Micro-differential Pressure High-precision Digital Pressure Sensor
logo
Copal Electronics
PA-204 COPAL-PA-204 Datasheet
708Kb / 2P
   HIGH PRECISION PRESSURE TRANSDUCER
logo
Sensortechnics GmbH
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
logo
Festo Corporation.
538031 FESTO-538031 Datasheet
92Kb / 1P
   Precision pressure regulator
3/18/22
538037 FESTO-538037 Datasheet
92Kb / 1P
   Precision pressure regulator
3/18/22
538042 FESTO-538042 Datasheet
93Kb / 1P
   Precision pressure regulator
3/18/22
538043 FESTO-538043 Datasheet
92Kb / 1P
   Precision pressure regulator
3/18/22
538050 FESTO-538050 Datasheet
93Kb / 1P
   Precision pressure regulator
3/18/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com