Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6218CVZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6218CVZ-T
Description  Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6218CVZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6218CVZ-T Datasheet HTML 1Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 2Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 3Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 4Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 5Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 6Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 7Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 8Page - Intersil Corporation ISL6218CVZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN9101.6
August 6, 2007
ISEN
Full Scale Input Current
-32
-
µA
Overcurrent Threshold
ROCSET = 110k (see Figure 10)
-
54
-
µA
Soft-Start Current
SOFT = 0V
-
31
-
µA
Droop Current
ISEN = 32µA
12.0
14
16.0
µA
GATE DRIVER
UGATE Source Resistance
500mA Source Current
-
1
1.5
Ω
UGATE Source Current (Note 4)
VUGATE-PHASE = 2.5V
-
2
-
A
UGATE Sink Resistance
500mA Sink Current
-
1
1.5
Ω
UGATE Sink Current (Note 4)
VUGATE-PHASE = 2.5V
-
2
-
A
LGATE Source Resistance
500mA Source Current
-
1
1.5
Ω
LGATE Source Current (Note 4)
VLGATE = 2.5V
-
2
-
A
LGATE Sink Resistance
500mA Sink Current
-
0.5
0.8
Ω
LGATE Sink Current (Note 4)
VLGATE = 2.5V
-
4
-
A
BOOTSTRAP DIODE
Forward Voltage
VDDP = 5V, Forward Bias Current = 10mA
0.57
0.68
0.74
V
POWER GOOD MONITOR
PGOOD Sense Current
2.43
-
-
mA
PGOOD Pull-Down MOSFET rDS(ON)
56
63
82
Ω
Undervoltage Threshold
(VSEN/VREF)
VSEN Rising
-
85.0
-
%
Undervoltage Threshold
(VSEN/VREF)
VSEN Falling
-
84.0
-
%
PGOOD Low Output Voltage
IPGOOD = 4mA
-
0.26
0.4
V
LOGIC THRESHOLD
EN, DSEN, DRSEN Low
--
1
V
EN, DSEN, DRSEN High
2-
-
V
PROTECTION
Overvoltage Threshold (VSEN/VREF)VSEN Rising
-
112.0
-
%
DELAY TIME
Delay Time from LGATE Falling to
UGATE Rising
VDDP = 5V, BOOT to PHASE = 5V, UGATE - PHASE = 1V,
LGATE = 1V
10
18
30
ns
Delay Time from UGATE Falling to
LGATE Rising
VDDP = 5V, BOOT to PHASE = 5V, UGATE - PHASE = 1V,
LGATE = 1V
10
18
30
ns
Electrical Specifications
Operating Conditions: VDD = 5V, TA = -10°C to +85°C, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6218


Similar Part No. - ISL6218CVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CVZ INTERSIL-ISL6218CVZ Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZ INTERSIL-ISL6218CVZ Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Renesas Technology Corp
ISL6218CVZ RENESAS-ISL6218CVZ Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZA INTERSIL-ISL6218CVZA Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
More results

Similar Description - ISL6218CVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com